Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSO-2D Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # FSO-2D
Description  C-MOS Output 3.3V.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

FSO-2D Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  FSO-2D Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FSO-2D
sFeatures
¡C-MOS Output 3.3V.
¡Operation at fundamental High Frequency.
sApplications
¡SONET/SDH.
¡1 Gbit Ethernet, 10Gbit Ethernet.
¡Fiber Channel.
sSpecifications
Type
FSO-2D
Frequency Range
Standard Frequency
Frequency Stability
Operation Temperature Range
Storage Temperature Range
Supply Voltage
Current
Load
Output Level
Symmetry
Raise Time/Fall Time
Start-up Time
Weight
100~170MHz
Table 1
±100×10−6 (All over)
±0~+70:
−40~+85:
3.3V
±5%
60mA max.
15pF
Voh: Vdd
×0.9 min./Vol: Vdd×0.1 max.
50%
±10%
2ns max.(20%,80%)
10ms max.
0.2g
sTable 1 Original Frequencies
Table 1
Standard Frequency (MHz)
100
106.25
125
133
155.52
156.25
161.1328
166
166.6285
167
sOutline
sLand Pattern (reference)
sTypical External Component Connection
125A2AA
KSS 2G
1.40
2.54
2.00max.
Pad Layout
1. Mute
2. NC
3. GND
4. OUT
5. NC
6. Vdd
2.54
4
7.00+/-0.2
#6
#5
#4
#6
#5
#4
#1
#2
#3
#1
#2
#3
+3.3V
By-Pass
Capacitor
Enable
15pF
Disable
VCC NC
A
OUT
Mute NC GND
1.6
2.54
2.54
FSO-2D
Original Size


Similar Part No. - FSO-2D

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
FSO-20T SOVICO-FSO-20T Datasheet
203Kb / 1P
FASHION SPEAKER
logo
Fox Electronics
FSO-25LF FOX-FSO-25LF Datasheet
157Kb / 1P
5.0V/3.0V Plastic HCMOS/TTL Oscillator
FSO-2LF FOX-FSO-2LF Datasheet
157Kb / 1P
5.0V/3.0V Plastic HCMOS/TTL Oscillator
FSO-2RLF FOX-FSO-2RLF Datasheet
157Kb / 1P
5.0V/3.0V Plastic HCMOS/TTL Oscillator
More results

Similar Description - FSO-2D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7102A NJRC-NJU7102A Datasheet
128Kb / 4P
C-MOS COMPARATOR WITH C-MOS OUTPUT
NJU7112A NJRC-NJU7112A Datasheet
146Kb / 4P
C-MOS COMPARATOR WITH OPEN DRAIN OUTPUT?
NJU7043 NJRC-NJU7043 Datasheet
35Kb / 2P
Input/Output Full-Swing High Output Current Dual C-MOS Operational Amplifier
NJU7040 NJRC-NJU7040 Datasheet
100Kb / 5P
Input/Output Full-Swing High Output Current Single C-MOS Operational Amplifier
NJU7202 NJRC-NJU7202 Datasheet
87Kb / 2P
HIGH OUTPUT CURRENT C-MOS 3-TERMINAL VOLTAGE REGULATOR
logo
Sanyo Semicon Device
LC7207 SANYO-LC7207 Datasheet
608Kb / 16P
C-MOS LSI
logo
New Japan Radio
NJU7044 NJRC-NJU7044 Datasheet
113Kb / 5P
Input/Output Full-Swing High Output Current Quad C-MOS Operational Amplifier
logo
Rhombus Industries Inc.
L-20471 RHOMBUS-IND-L-20471 Datasheet
30Kb / 1P
OUTPUT INDUCTOR 3.3V
4/20/01
logo
ATMEL Corporation
AT17F32 ATMEL-AT17F32_14 Datasheet
253Kb / 14P
3.3V Output Capability
logo
Tiger Electronic Co.,Lt...
TLC555 TGS-TLC555 Datasheet
1Mb / 9P
C-MOS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com