Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3210-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3210-2
Description  MAIN/CAM LED Controllers with 32-Step Brightness Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3210-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC3210-2 Datasheet HTML 1Page - Linear Technology LTC3210-2 Datasheet HTML 2Page - Linear Technology LTC3210-2 Datasheet HTML 3Page - Linear Technology LTC3210-2 Datasheet HTML 4Page - Linear Technology LTC3210-2 Datasheet HTML 5Page - Linear Technology LTC3210-2 Datasheet HTML 6Page - Linear Technology LTC3210-2 Datasheet HTML 7Page - Linear Technology LTC3210-2 Datasheet HTML 8Page - Linear Technology LTC3210-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3210-2/LTC3210-3

321023fb
absoluTe MaxiMuM raTings(Note 1)
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.VBAT = 3.6V, C1 = C2 = C3 = C4 = 2.2µF, RM = 30.1k, RC = 24.3k,
ENM = high, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VBATOperatingVoltage
l
2.9
4.5
V
IVBATOperatingCurrent
ICPO=0,1xMode,LSBSetting
ICPO=0,1.5xMode
ICPO=0,2xMode
0.4
2.5
4.5
mA
mA
mA
VBATShutdownCurrent
ENM=ENC=Low
l
3
6
µA
MLED1, MLED2, MLED3 and MLED4 (LTC3210-2 Only) Current
LEDCurrentRatio(IMLED/IRM)
IMLED=FullScale
l
481
525
589
A/A
LEDDropoutVoltage
ModeSwitchThreshold,IMLED=FullScale
75
mV
LEDCurrentMatching
AnyTwoOutputs
0.5
%
elecTrical characTerisTics
VBAT,CPOtoGND........................................–0.3Vto6V
ENM,ENC...................................–0.3Vto(VBAT+0.3V)
ICPO(Note2)....................................................... 600mA
IMLED1-4.................................................................35mA
ICLED(Note2)...................................................... 500mA
CPOShort-CircuitDuration.............................. Indefinite
OperatingTemperatureRange(Note3)...–40°Cto85°C
StorageTemperatureRange..................–65°Cto125°C
16 15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm 3mm) PLASTIC QFN
9
10
17
11
12
4
3
2
1
C1P
CPO
ENM
MLED1
GND
CLED
ENC
RC
TJMAX=125°C,θJA=68°C/W
EXPOSEDPAD(PIN17)ISGND,MUSTBESOLDEREDTOPCB
16 15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm 3mm) PLASTIC QFN
9
10
17
11
12
4
3
2
1
C1P
CPO
ENM
MLED1
GND
CLED
ENC
RC
TJMAX=125°C,θJA=68°C/W
EXPOSEDPAD(PIN17)ISGND,MUSTBESOLDEREDTOPCB
pin conFiguraTion
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3210EUD-2#PBF
LTC3210EUD-2#TRPBF
LCHX
16-Lead(3mm
×3mm)PlasticQFN
–40°Cto85°C
LTC3210EUD-3#PBF
LTC3210EUD-3#TRPBF
LCHY
16-Lead(3mm
×3mm)PlasticQFN
–40°Cto85°C
ConsultLTCMarketingforpartsspecifiedwithwideroperatingtemperatureranges.
ConsultLTCMarketingforinformationonnon-standardleadbasedfinishparts.
Formoreinformationonleadfreepartmarking,goto:http://www.linear.com/leadfree/
Formoreinformationontapeandreelspecifications,goto:http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com