Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3413 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3413
Description  3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3413 Datasheet HTML 2Page - Linear Technology LTC3413 Datasheet HTML 3Page - Linear Technology LTC3413 Datasheet HTML 4Page - Linear Technology LTC3413 Datasheet HTML 5Page - Linear Technology LTC3413 Datasheet HTML 6Page - Linear Technology LTC3413 Datasheet HTML 7Page - Linear Technology LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology LTC3413 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3413
6
3413fc
Main Control Loop
The LTC3413 is a monolithic, constant frequency, current
mode step-down DC/DC converter that is capable of sourc-
ing and sinking current at the output. During normal opera-
tion, the internal top power switch (P-channel MOSFET) is
turned on at the beginning of each clock cycle. Current in
the inductor increases until the current comparator trips
and turns off the top power MOSFET. The peak inductor
current at which the current comparator shuts off the top
power switch is controlled by the voltage on the ITH pin.
The error amplifier adjusts the voltage on the ITH pin by
comparing the feedback signal on the VFB pin with a ref-
erence voltage that is equal to one-half of the voltage on
the VREF pin. When the load current increases, it causes
a reduction in the feedback voltage relative to the refer-
ence. The error amplifier raises the ITH voltage until the
average inductor current matches the new load current.
When the top power MOSFET shuts off, the synchronous
power switch (N-channel MOSFET) turns on until either
the bottom current limit is reached or the beginning of the
next clock cycle. The bottom current limit is set at –7A.
The operating frequency is set by an external resistor
connected between the RT pin and ground. The switching
frequency can range from 300kHz to 2MHz.
Overvoltage and undervoltage comparators will pull the
PGOOD output low if the output voltage comes out of
regulation by ±10%. In an overvoltage condition, the top
power MOSFET is turned off and the bottom power MOSFET
is switched on until either the overvoltage condition clears
or the bottom MOSFET’s current limit is reached.
Dropout Operation
When the input supply voltage decreases toward the output
voltage, the duty cycle increases toward the maximum
on-time. Further reduction of the supply voltage forces the
–
+
–
+
16
10
9
PVIN
3
ITH
6
VREF
1
8
SVIN
SGND
4
VFB
PGOOD
SVIN
PVIN
SLOPE
COMPENSATION
RECOVERY
SLOPE
COMPENSATION
PMOS CURRENT
COMPARATOR
NMOS CURRENT
COMPARATOR
OSCILLATOR
ERROR
AMPLIFIER
LOGIC
RUN
RUN/SS
RT
11
14
15
SW
SW
SW
SW
13
7
5
PGND
3413 BD
12 PGND
2
1.1VREF
2
0.9VREF
2
FUNCTIONAL DIAGRAM
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com