Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3421 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3421
Description  3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3421 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3421 Datasheet HTML 8Page - Linear Technology LTC3421 Datasheet HTML 9Page - Linear Technology LTC3421 Datasheet HTML 10Page - Linear Technology LTC3421 Datasheet HTML 11Page - Linear Technology LTC3421 Datasheet HTML 12Page - Linear Technology LTC3421 Datasheet HTML 13Page - Linear Technology LTC3421 Datasheet HTML 14Page - Linear Technology LTC3421 Datasheet HTML 15Page - Linear Technology LTC3421 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3421
14
3421f
5V Applications
When the output voltage is programmed above 4.3V it is
necessary to add a Schottky diode either from SW to
VOUT, or to a snubber network in order to maintain an
acceptable peak voltage on SW. The Schottky to the
output will provide a peak efficiency improvement but will
negate the output disconnect feature. If output disconnect
is required, the Schottky to an active snubber network is
suggested as shown in Figure 4.
Figure 4. Lithium-Ion to 5V at 1A Application with an Active Snubber Circuit
TYPICAL APPLICATIO
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3421 G03
0
1
Burst Mode
OPERATION
VOUT = 5V
fOSC = 1MHz
VIN = 4.2V
VIN = 3.6V
VIN = 2.7V
Li-Ion to 5V Efficiency
SHDN
ENB
VREF
LBI
LBO
SYNC
ILIM
VOUTS
VOUT
VOUT
VOUT
FB
VC
BURST
VIN
SW SW
L1
3
µH
SW
18
17
19
20
1
24
9
13
12
11
10
5
6
8
7
22
23
3
4
221
14
15
16
SS
RT
GND
LTC3421
C2
0.1
µF
C3
0.1
µF
C4
470pF
C5*
22
µF
×2
C6*
1
µF
C1*
10
µF
VIN
2.7V TO
4.2V
Li-Ion
R2
28k
R3
10k
R4
100k
R5
1.13M
M1
D1*
VOUT
5V
1A
R6
365k
3421 F04
R1
60k
*LOCATE COMPONENTS CLOSE TO PINS
C1: TAIYO YUDEN JMK212BJ106MM
C5: TAIYO YUDEN JMK325BJ226MM
PGND PGND PGND
+
D1: MOTOROLA MBR0520L
L1: SUMIDA CDRH6D28-3R0
M1: ZETEX ZXM61P025
Figure 3
1
–
+
1.22V
CC1
CC2
RZ
3421 F03
R2
R1
ERROR
AMP
FB
VOUT
24
VC
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com