Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3523 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3523
Description  Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3523 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3523 Datasheet HTML 8Page - Linear Technology LTC3523 Datasheet HTML 9Page - Linear Technology LTC3523 Datasheet HTML 10Page - Linear Technology LTC3523 Datasheet HTML 11Page - Linear Technology LTC3523 Datasheet HTML 12Page - Linear Technology LTC3523 Datasheet HTML 13Page - Linear Technology LTC3523 Datasheet HTML 14Page - Linear Technology LTC3523 Datasheet HTML 15Page - Linear Technology LTC3523 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3523/LTC3523-2
13
3523fb
TYPICAL APPLICATIONS
+
VIN1
SW1
SW2
FB2
MODE
PGOOD2
SHDN2
FB1
PGOOD1
SHDN1
VOUT
10pF
VIN
10μF
VOUT2
STEP-DOWN
OUTPUT
1.2V
200mA
511k
511k
100k
3523 TA02a
634k
365k
4.7μH
4.7μH
VIN2
LTC3523
VBAT
GND1 GND2 GND3
4.7μF
2-CELL
ALKALINE
VIN
1.8V TO 3.2V
VOUT1
STEP-UP
OUTPUT
3.3V
200mA
4.7μF
OFF ON
Power Sequence Operation
VOUT1
2V/DIV
PGOOD2
SHDN2
500μs/DIV
3523 TA02b
VOUT2
1V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com