Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3523-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3523-2
Description  Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3523-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC3523-2 Datasheet HTML 1Page - Linear Technology LTC3523-2 Datasheet HTML 2Page - Linear Technology LTC3523-2 Datasheet HTML 3Page - Linear Technology LTC3523-2 Datasheet HTML 4Page - Linear Technology LTC3523-2 Datasheet HTML 5Page - Linear Technology LTC3523-2 Datasheet HTML 6Page - Linear Technology LTC3523-2 Datasheet HTML 7Page - Linear Technology LTC3523-2 Datasheet HTML 8Page - Linear Technology LTC3523-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3523/LTC3523-2
2
3523fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN1, VIN2, VBAT, VOUT Voltages .................... –0.3V to 6V
SHDN1, PGOOD1, PGOOD2, FB1 Voltages .. –0.3V to 6V
SHDN2, FB2, MODE Voltages ...... –0.3V to (VIN2 + 0.3V)
SW1 Voltage
DC.............................................................. 0.3V to 6V
Pulse < 100ns.......................................... –0.3V to 7V
SW2 Voltage Pulse < 100ns......... –0.3V to (VIN2 + 0.3V)
Operating Temperature Range
(Notes 2, 3).............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
17
UD PACKAGE
16-LEAD (3mm
3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
FB1
VIN1
PG00D1
VOUT
FB2
PGOOD2
MODE
VIN2
TJMAX = 125°C, θJA = 68°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Start-Up Voltage
l
1.6
1.8
V
Frequency
LTC3523
LTC3523-2
l
l
0.9
1.8
1.2
2.4
1.5
2.65
MHz
MHz
Quiescent Current–Shutdown
VSHDN1 = VSHDN2 = 0V, VOUT = 0V, VIN1 = VIN2 = VBAT
0.5
3
μA
Quiescent Current –Sleep
Measured from VSUPPLY, VIN1 = VIN2 = VBAT = 2.4V
45
μA
Quiescent Current VOUT – Sleep
Measured from VOUT = 3.3V (Note 4)
15
μA
SHDN1, SHDN2 Input High
1V
SHDN1, SHDN2 Input Low
0.35
V
SHDN1, SHDN2 Input Current
VSHDN = 5.5V
1.4
2
μA
PGOOD1, PGOOD2 Threshold
Referenced to the Feedback Voltage
–6
–9
–14
%
PGOOD1, PGOOD2 Low Voltage
IPGOOD = 1mA
0.35
V
PGOOD1, PGOOD2 Leakage
VPGOOD = 5.25V
0.01
1
μA
MODE Input High
1.0
V
MODE Input Low
0.35
V
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN1 = VIN2 = VBAT = 2.4V, VOUT = 3.3V, unless otherwise specified.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3523EUD#PBF
LTC3523EUD-2#PBF
LTC3523EUD#TRPBF
LTC3523EUD-2#TRPBF
LCYC
LDDR
16-Lead (3mm
× 3mm) Plastic DFN
16-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com