Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC-FXO-35F Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # VC-FXO-35F
Description  Voltage Controlled SMD Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

VC-FXO-35F Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  VC-FXO-35F Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions(mm)
VC-FXO-35F
Voltage Controlled SMD Crystal Oscillator
sFeatures
¡It is a compact and thin ceramic package with a metalized lead
for surface mounting that is able to be automatically loaded.
¡Reflow soldering is possible.
sSpecifications
sOutline
sLand Pattern(reference)
Item
Type
VC-FXO-35F
VC-FXO-35FL
Application
C-MOS Output Type
Frequency Range
8.0~40.0MHz *1
8.0~35MHz *1
Frequency Stability
±30×10–6
Frequency Tuning Range
±50×10–6 MIN. (VC=2.5±2.0V) *2
±50×10–6 MIN. (VC=1.65±1.65V) *2
Frequency Linearity
±10%
±15%
Operating Temperature Range
-10~+70
:
Storage Temperature Range
-30~+85
:
Supply Voltage
5.0V
±5%
3.3V
±5%
Current
25mA MAX.
20mA MAX.
Load
15pF (LS10 TTL)
Output Level
Output Symmetry
40~60% (VT=1/2VDD)
Rise Time/Fall Time
10ns MAX.
15nsMAX.
Start-up Time
10ms MAX.
Vibration
10~55Hz Amplitude 1.5mm, cycle 2 minute, 3 direction. 2 hour each
Shock
1000G
Weight
0.3g
*1 Please contact us for standard frequency.
*2 Please contact us for Frequency Tuning Range
±75×10–6, ±100×10–6.
VOH : 0.9
×VDD MIN.
VOL : 0.5V MAX.
5.08
1.8
7.0
±0.2
14.318
KSS 4G
12
3
4
6.2
±0.2
5.08
±0.2
1.4
0.6
CONNECTION
1:VC
2:GND
3:OUTPUT
4:VDD
VC-FXO-35F


Similar Part No. - VC-FXO-35F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VC-FXO-35F KSS-VC-FXO-35F Datasheet
129Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
More results

Similar Description - VC-FXO-35F

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F5000 FOX-F5000 Datasheet
218Kb / 1P
VCXO SMD/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
Abracon Corporation
ASEV ABRACON-ASEV Datasheet
679Kb / 2P
CMOS VOLTAGE CONTROLLED SMD CRYSTAL OSCILLATOR
08.14.08
ASTX-11 ABRACON-ASTX-11_08 Datasheet
206Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED SMD CRYSTAL OSCILLATOR
02.25.08
logo
ECS, Inc.
ECS-VX0-97 ECS-ECS-VX0-97 Datasheet
341Kb / 1P
SMD VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
TEMEX
RVX2520P TEMEX-RVX2520P Datasheet
592Kb / 7P
SMD Voltage Controlled Crystal Oscillator
RVX2520R TEMEX-RVX2520R Datasheet
592Kb / 7P
SMD Voltage Controlled Crystal Oscillator
RVX5032M TEMEX-RVX5032M Datasheet
610Kb / 7P
SMD Voltage Controlled Crystal Oscillator
RVX7050P TEMEX-RVX7050P Datasheet
631Kb / 8P
SMD Voltage Controlled Crystal Oscillator
RVX7050R TEMEX-RVX7050R Datasheet
631Kb / 8P
SMD Voltage Controlled Crystal Oscillator
RVX7050X TEMEX-RVX7050X Datasheet
523Kb / 7P
SMD Voltage Controlled Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com