Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCSO-100B Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # VCSO-100B
Description  VCSO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

VCSO-100B Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  VCSO-100B Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VCSO-100B
VCSO
sFeatures
sSpecifications
sOutline
Item
Type
VCSO-100B
Frequency Range
622.08MHz
Storage Temperature Range
-20~+85
:
Operating Temperature Range
0~+85
:
Frequency Temperature Characteristics
-200~+50
×10-6 /0~+85: (VC=+1.65V)
Frequency Aging
±20×10-6 MAX./year
Supply Voltage Change
±15×10-6 MAX./+3.3V±5%
Frequency Deviation
±150×10-6 MIN./+1.65V±1.2V (positive)
Power Supply Voltage
+3.3V
±5%
Power Supply Current
60mA MAX.
Output Level
-5 dBm MIN.
Output Load
50
Ω
Output Harmonics/Subharmonics
-25 dB MAX.
Input Impedance
100k
Ω MIN.
¡Wide frequency range.
sTypical Applications
¡PLL oscillator for ISDN.
sStandard Frequencies
¡622.08MHz.
*Plese do not clean using any kind of liquid cleansing method.
20.0
N.P.
7.5
7.5
φ0.5
12
54
3
15.0
Pin Connection
1:VC
2:GND
3:+DC
4:OUTPUT
5:GND
Dimensions(mm)
VCSO-100B


Similar Part No. - VCSO-100B

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
VCSO-0C12 SYNERGY-VCSO-0C12 Datasheet
515Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
VCSO-0C48 SYNERGY-VCSO-0C48 Datasheet
515Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
logo
Kyocera Kinseki Corpota...
VCSO-200A KSS-VCSO-200A Datasheet
168Kb / 1P
VCSO
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12 SYNERGY-VCSO-OC12 Datasheet
401Kb / 2P
VOLTAGE CONTROLLED SAW OSCILLATOR
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
VOLTAGE CONTROLLED SAW OSCILLATOR
More results

Similar Description - VCSO-100B

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VCSO-200A KSS-VCSO-200A Datasheet
168Kb / 1P
VCSO
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
255Kb / 7P
Dual Frequency VCSO
logo
CTS Corporation
VCS1026 CTS-VCS1026 Datasheet
256Kb / 4P
622.080MHz VCSO
logo
Vectron International, ...
VS-505 VECTRON-VS-505 Datasheet
258Kb / 9P
Single Frequency VCSO
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
Dual Frequency VCSO
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
Dual Frequency VCSO
VS-709 VECTRON-VS-709_12 Datasheet
719Kb / 9P
Dual Frequency VCSO
VS402 VECTRON-VS402 Datasheet
569Kb / 6P
Dual Frequency VCSO
VS-504 VECTRON-VS-504 Datasheet
872Kb / 6P
Dual Frequency VCSO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com