Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3530 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3530
Description  Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3530 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3530 Datasheet HTML 2Page - Linear Technology LTC3530 Datasheet HTML 3Page - Linear Technology LTC3530 Datasheet HTML 4Page - Linear Technology LTC3530 Datasheet HTML 5Page - Linear Technology LTC3530 Datasheet HTML 6Page - Linear Technology LTC3530 Datasheet HTML 7Page - Linear Technology LTC3530 Datasheet HTML 8Page - Linear Technology LTC3530 Datasheet HTML 9Page - Linear Technology LTC3530 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3530
6
3530fb
–
+
–
+
7
PWM
LOGIC
GATE
DRIVERS
AND
ANTICROSS
CONDUCTION
GND
OSC
SW A
SW1
VIN
SW2
SW D
ANTI-RING
ERROR
AMP
1.215V
REVERSE
AMP
SW B
SW C
5
3
4
VOUT
6
FB
9
BURST
2
VC
10
8
SHDN/SS
1
RT
3530 BD
PWM
COMPARATORS
THERMAL
SHUTDOWN
SHUTDOWN
SOFT-START
SHUTDOWN
1.215V
VREF
AUTOMATIC
BURST MODE
CONTROL
Gm = 1/60k
2A
VREF
SLEEP
L1
CIN
COUT
CBURST
CP1
RSS
CSS
RT
R2
R1
RBURST
GND (Pin 5): Ground for the IC.
VOUT (Pin 6): Output of the Synchronous Rectifier. A filter
capacitor is placed from VOUT to GND. A ceramic bypass
capacitor is recommended as close to the VOUT and GND
pins as possible.
VIN (Pin 7): Input Supply Voltage. Internal VCC for the IC.
A 10μF ceramic capacitor is recommended as close to the
VIN and GND pins as possible.
SHDN/SS (Pin 8): Combined Soft-Start and Shutdown.
Applied voltage <0.4V shuts down the IC. Tie to >1.4V to
enable the IC and >1.6V to ensure the error amp is not
clamped from soft-start. An R-C from the shutdown com-
mand signal to this pin will provide a soft-start function
by limiting the rise time of VC.
FB (Pin 9): Feedback Pin. Connect resistor divider tap here.
The output voltage can be adjusted from 1.8V to 5.25V.
The feedback reference is typically 1.215V.
VOUT = 1.215V • 1+
R1
R2
VC (Pin10): Error Amp Output. An R-C network is con-
nected from this pin to FB for loop compensation. Refer
to “Closing the Feedback Loop” section for component
selection guidelines. During Burst Mode operation, VC is
internally clamped.
Exposed Pad (Pin 11, DD Package Only): Ground. This
pin must be soldered to the PCB and electrically connected
to ground.
PIN FUNCTIONS
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com