Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4392 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4392
Description  The BlueNRG is a very low power Bluetooth low energy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4392 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4392 Datasheet HTML 5Page - STMicroelectronics AN4392 Datasheet HTML 6Page - STMicroelectronics AN4392 Datasheet HTML 7Page - STMicroelectronics AN4392 Datasheet HTML 8Page - STMicroelectronics AN4392 Datasheet HTML 9Page - STMicroelectronics AN4392 Datasheet HTML 10Page - STMicroelectronics AN4392 Datasheet HTML 11Page - STMicroelectronics AN4392 Datasheet HTML 12Page - STMicroelectronics AN4392 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DocID025507 Rev 1
9/17
AN4392
Transmitter parameter
17
4
Transmitter parameter
All the measurements reported here are measured using the following parameters:
Tc = 25 °C, Vdd = 3.3 V, f = 2402 MHz (lower frequency of the useful bandwidth), unless
otherwise specified.
4.1
Maximum output power
The measurements performed at 2402 MHz (channel 37) show a level equal to 7.5 dBm,
below the 10 dBm limit of the standard.
Figure 4. Maximum output power
4.2
Frequency tolerance
The BlueNRG meets the ± 50 ppm rated frequency requirements f the crystal used in the
application guarantees the same or better performance.
4.3
Transmitter spurious emission
The BlueNRG meets spurious emission requirements in every range specified, by a large
margin.
AM18309v1
-1
0
1
2
3
4
5
6
7
8
9
2400
2400.5
2401
2401.5
2402
2402.5
2403
2403.5
2404
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com