Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3533 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3533
Description  2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3533 Datasheet(HTML) 2 Page - Linear Technology

  LTC3533 Datasheet HTML 1Page - Linear Technology LTC3533 Datasheet HTML 2Page - Linear Technology LTC3533 Datasheet HTML 3Page - Linear Technology LTC3533 Datasheet HTML 4Page - Linear Technology LTC3533 Datasheet HTML 5Page - Linear Technology LTC3533 Datasheet HTML 6Page - Linear Technology LTC3533 Datasheet HTML 7Page - Linear Technology LTC3533 Datasheet HTML 8Page - Linear Technology LTC3533 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3533
2
3533f
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
VIN, PVIN Voltages...........................................–0.3 to 6V
VOUT, PVOUT Voltages......................................–0.3 to 6V
SW1, SW2 Voltages
DC...............................................................–0.3 to 6V
Pulsed < 100ns...........................................–0.3 to 7V
VC, FB, RUN/SS, BURST Voltages..................–0.3 to 6 V
Operating Temperature Range (Note 2) ... –40°C to 85°C
Maximum Junction Temperature (Note 3) ............ 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Operating Range
●
1.8
5.5
V
Output Voltage Adjust Range
●
1.8
5.25
V
Feedback Voltage
●
1.196
1.22
1.244
V
Feedback Input Current
VFB = 1.22V
1
50
nA
Quiescent Current – Burst Mode Operation
VC = 0V, VBURST = 0V (Note 4)
40
50
µA
Quiescent Current – Shutdown
VRUN = 0V, Not Including Switch Leakage
0.1
1
µA
Quiescent Current – Active
VC = 0V, BURST = 3.6V (Note 4)
700
1100
µA
Input Current Limit
●
3.5
4.5
A
Peak Current Limit
7A
Reverse Current Limit
0.5
A
NMOS Switch Leakage
Switches B and C
0.1
5
µA
PMOS Switch Leakage
Switches A and D
0.1
10
µA
NMOS Switch On Resistance
Switches B and C
60
m
Ω
PMOS Switch On Resistance
Switches A and D
80
m
Ω
Maximum Duty Cycle
Boost (% Switch C On)
Buck (% Switch A On)
●
●
80
100
90
%
%
Minimum Duty Cycle
●
0%
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VC
FB
RUN/SS
PVIN
VIN
PVOUT
VOUT
RT
BURST
SGND
SW1
PGND
PGND
SW2
TOP VIEW
DE PACKAGE
14-LEAD (4mm
× 3mm) PLASTIC DFN
15
TJMAX = 125°C, θJA = 43°C/W, θJC = 4.3°C/W
EXPOSED PAD (PIN 15) IS GND, MUST BE SOLDERED TO PCB
ORDER PART NUMBER
DE PART MARKING
LTC3533EDE
3533
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, VOUT = 3.3V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com