Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3542-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3542-1
Description  500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3542-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3542-1 Datasheet HTML 1Page - Linear Technology LTC3542-1 Datasheet HTML 2Page - Linear Technology LTC3542-1 Datasheet HTML 3Page - Linear Technology LTC3542-1 Datasheet HTML 4Page - Linear Technology LTC3542-1 Datasheet HTML 5Page - Linear Technology LTC3542-1 Datasheet HTML 6Page - Linear Technology LTC3542-1 Datasheet HTML 7Page - Linear Technology LTC3542-1 Datasheet HTML 8Page - Linear Technology LTC3542-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3542-1
2
35421f
ELECTRICAL CHARACTERISTICS
Input Supply Voltage (VIN)........................... –0.3V to 6V
VOUT, RUN Voltages......................................–0.3V to VIN
MODE Voltage................................–0.3V to (VIN + 0.3V)
SW Voltage ....................................–0.3V to (VIN + 0.3V)
Operating Temperature Range (Note 2).... –40°C to 85°C
Junction Temperature (Note 7) ............................. 125°C
Storage Temperature Range................... –65°C to 150°C
Reflow Peak Body Temperature ............................ 260°C
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage Range
l
2.5
5.5
V
RVOUT
Input Resistance of VOUT Pin
504
840
1176
kΩ
VOUT
Output Feedback Voltage (Note 4)
l
2.744
2.8
2.856
V
ΔVLINE_REG
Reference Voltage Line Regulation (Note 4) VIN = 2.5V to 5.5V
0.04
0.2
%/V
ΔVLOAD_REG
Output Voltage Load Regulation (Note 4)
ILOAD = 100mA to 500mA
0.02
0.2
%
IS
Input DC Supply Current (Note 5)
Active Mode
Sleep Mode
Shutdown
VOUT = 2.5V
VOUT = 2.9V, MODE = 0V
RUN = 0V
300
26
0.1
500
35
1
μA
μA
μA
fOSC
Oscillator Frequency
VOUT = 2.8V
l
1.8
2.25
2.7
MHz
fSYNC
Synchronous Frequency
VOUT = 2.8V
1
3
MHz
ILIM
Peak Switch Current
VIN = 3V, VOUT = 2.5V, Duty Cycle < 35%
650
1000
mA
RDS(ON)
P-Channel On Resistance (Note 6)
N-Channel On Resistance (Note 6)
ISW = 100mA
ISW = –100mA
0.5
0.35
0.65
0.55
Ω
Ω
ISW(LKG)
Switch Leakage Current
VIN = 5V, VRUN = 0V, VSW = 0V or 5V
±0.01
±1
μA
ABSOLUTE MAXIMUM RATINGS
(Note 1)
TOP VIEW
RUN
SW
VOUT
VIN
GND
DC PACKAGE
6-LEAD (2mm
2mm) PLASTIC DFN
4
5
7
6
3
2
1
MODE/SYNC
TJMAX = 125°C, θJA = 89°C/W, θJC = 18°C/W
(SOLDERED TO A 4-LAYER BOARD, NOTE 3)
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3542EDC-1#PBF
LTC3542EDC-1#TRPBF
LDWC
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com