Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3544 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3544
Description  Quad Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3544 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3544 Datasheet HTML 8Page - Linear Technology LTC3544 Datasheet HTML 9Page - Linear Technology LTC3544 Datasheet HTML 10Page - Linear Technology LTC3544 Datasheet HTML 11Page - Linear Technology LTC3544 Datasheet HTML 12Page - Linear Technology LTC3544 Datasheet HTML 13Page - Linear Technology LTC3544 Datasheet HTML 14Page - Linear Technology LTC3544 Datasheet HTML 15Page - Linear Technology LTC3544 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3544
13
3544fa
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the LTC3544. These items are also illustrated graphically
in Figures 3 and 4. Check the following in your layout:
1. The power traces, consisting of the PGND trace, the
GNDA trace, the SW traces, the PVIN trace and the VCC
trace should be kept short, direct and wide.
2. Does each of the VFBx pins connect directly to the
respective feedback resistors? The resistive dividers
must be connected between the (+) plate of the corre-
sponding output filter capacitor (e.g., C13) and GNDA.
If the circuit being powered is at such a distance from
the part where voltage drops along circuit traces are
large, consider a Kelvin connection from the powered
circuit back to the resistive dividers.
APPLICATIONS INFORMATION
3. Keep C8 and C9 as close to the part as possible.
4. Keep the switching nodes (SWx) away from the sensi-
tive VFBx nodes.
5. Keep the ground connected plates of the input and
output capacitors as close as possible.
6. Care should be taken to provide enough space between
unshielded inductors in order to minimize any trans-
former coupling.
Design Example
As a design example, consider using the LTC3544 as a
portable application with a Li-Ion battery. The battery
provides VIN ranging from 2.8V to 4.2V. The demand at
2.5V is 250mA necessitating the use of the 300mA output
for this requirement.
C6
R5
R6
L2
C4
VOUT3
C12
R8
R11
L3
C10
VOUT2
C3
C1
R2
VOUT4
3544 F03
R3
SW200B
SW200B
SW300
SW300
PGND
PVIN
SW1000
RUN100
GNDA
C15
R15
R16
RUN100
VFB100
VFB100
RUN200A
RUN200A
SW200A
SW200A
VFB200B
VFB200A
VFB200B
VFB300
VFB300
RUN300
RUN300
RUN200B
RUN200B
VFB200A
VCC GNDA
PGND
VCC
2.25V TO 5.5V
PVIN
2.25V TO 5.5V
C8
L4
L1
LTC3544
C9
C13
VOUT1
Figure 3. LTC3544 Layout Diagram
Figure 4. LTC3544 Suggested Layout
C1
C9
C10
GND
L1
L4
L2
L3
PGND
3544 F04
VCC
C4
C3
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com