Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3544B Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3544B
Description  Quad Synchronous Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3544B Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3544B Datasheet HTML 9Page - Linear Technology LTC3544B Datasheet HTML 10Page - Linear Technology LTC3544B Datasheet HTML 11Page - Linear Technology LTC3544B Datasheet HTML 12Page - Linear Technology LTC3544B Datasheet HTML 13Page - Linear Technology LTC3544B Datasheet HTML 14Page - Linear Technology LTC3544B Datasheet HTML 15Page - Linear Technology LTC3544B Datasheet HTML 16Page - Linear Technology LTC3544B Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC3544B

3544bfb
A second, more severe transient is caused by switching
in loads with large (>1μF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
deliver enough current to prevent this problem if the load
switch resistance is low and it is driven quickly. The only
solution is to limit the rise time of the switch drive so that
the load rise time is limited to approximately (25 • CLOAD).
Thus, a 10μF capacitor charging to 3.3V would require a
250μs rise time, limiting the charging current to about
130mA.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC3544B. These items are also illustrated graphically in
Figures 3 and 4. Check the following in your layout:
1. The power traces, consisting of the PGND trace, the
GNDA trace, the SW traces, the PVIN trace and the VCC
trace should be kept short, direct and wide.
applicaTions inForMaTion
2. Does each of the VFBx pins connect directly to the
respective feedback resistors? The resistive dividers
must be connected between the (+) plate of the cor-
responding output filter capacitor (e.g. C13) and GNDA.
If the circuit being powered is at such a distance from
the part where voltage drops along circuit traces are
large, consider a Kelvin connection from the powered
circuit back to the resistive dividers.
3. Keep C8 and C9 as close to the part as possible.
4. Keep the switching nodes (SWx) away from the sensi-
tive VFBx nodes.
5. Keep the ground connected plates of the input and
output capacitors as close as possible.
6. Care should be taken to provide enough space between
unshielded inductors in order to minimize any trans-
former coupling.
C6
R5
R6
L2
C4
VOUT3
C12
R8
R11
L3
C10
VOUT2
C3
C1
R2
VOUT4
3544B F03
R3
SW200B
SW200B
SW300
SW300
PGND PVIN
SW1000
RUN100
GNDA
C15
R15
R16
RUN100
VFB100
VFB100
RUN200A
RUN200A
SW200A
SW200A
VFB200B
VFB200A
VFB200B
VFB300
VFB300
RUN300
RUN300
RUN200B
RUN200B
VFB200A
VCC GNDA
PGND
VCC
2.25V TO 5.5V
PVIN
2.25V TO 5.5V
C8
L4
L1
LTC3544B
C9
C13
VOUT1
Figure 3. LTC3544B Layout Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com