| Electronic Components Datasheet Search |
|
AN4486 Datasheet(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4486 Datasheet(HTML) 21 Page - STMicroelectronics |
|
21 / 29 page ![]() AN4486 Running the OTA bootloader GUI & BlueNRG SW package demo applications DocID026293 Rev 2 21/29 a. From Tools->Flash Motherboard FW, select the Reset Manager hex prebuilt image (STM32L\Project\OTA_prebuilt_images\ DFU_ResetManager.hex) to upload the Reset Manager on board (hex format implicitly takes into account the proper application base address which, for the case of the application, will be 0x8003000). b. After Reset Manager loading, a reset while keeping BUTTON_2 pressed needs to be performed in order to erase obsolete data from the OTA bootloader's EEPROM and guide proper Reset Manager behavior at first startup (5 seconds LED_D1 turned on signals a successful run of the process). c. The same actions, starting from DFU bootloader activation, must be taken to upload the OTA Service Manager application built with the IAR workspace: OTA_ServiceManager\EWARM\OTA_ServiceManager.eww for BlueNRG device or OTA_ServiceManager\EWARM_BlueNRG- MS\OTA_ServiceManager.eww for BlueNRG-MS device (prebuilt images BlueNRG_OTA_ServiceManager_App.hex and BlueNRG- MS_OTA_ServiceManager_App.hex are also in OTA_prebuilt_images folder). d. Similar actions, starting from DFU bootloader activation, must be taken to upload the SensorDemo BLE application (done through SensorDemo, OTA_Basic workspace) and built to coexist with the OTA Service Manager (hex format implicitly takes into account the proper application base address which, for the case of the application, will be 0x8006800). e. (Optional) Get a “BlueNRG app for smartphones (IoS or Android)” to discover, connect and play with the Sensor Demo application just loaded on the development platform in step 2.d. just to verify that an ordinary BLE application has services coexisting with the OTA bootloader service, which will run next. f. In order to activate the OTA Service Manager, the user can simply press button BUTTON_1: this invokes a specific API handling the SW jumping to the OTA Service Manager (same button pressed on OTA Service Manager will allow to jump to the current valid BLE application). 3 Program the second platform with the required application to be used with the BlueNRG GUI (BlueNRG_VCOM_x_x.hex file available on the BlueNRG DK SW package, on Firmware\STM32L1_prebuilt_images folder). 4 Open the BlueNRG GUI on the PC and select the COM port related to the BlueNRG platform configured in step 3, through the drop- down “Port” and press “Open”. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |