Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3548-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3548-1
Description  Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3548-1 Datasheet HTML 1Page - Linear Technology LTC3548-1 Datasheet HTML 2Page - Linear Technology LTC3548-1 Datasheet HTML 3Page - Linear Technology LTC3548-1 Datasheet HTML 4Page - Linear Technology LTC3548-1 Datasheet HTML 5Page - Linear Technology LTC3548-1 Datasheet HTML 6Page - Linear Technology LTC3548-1 Datasheet HTML 7Page - Linear Technology LTC3548-1 Datasheet HTML 8Page - Linear Technology LTC3548-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3548-1
2
35481fc
ABSOLUTE MAXIMUM RATINGS
VIN Voltages.................................................– 0.3V to 6V
VFB1, VFB2, VOUT1, VOUT2 Voltages.... –0.3V to VIN + 0.3V
RUN1, RUN2 Voltages .................................–0.3V to VIN
SW1, SW2 Voltage........................... –0.3V to VIN + 0.3V
(Note 1)
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
11
9
6
7
8
4
5
3
2
1
VFB2
VOUT2
RUN1
SW2
RUN2
VFB1
VOUT1
VIN
SW1
GND
TJMAX = 125°C,
θJA = 40°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB GND
(SOLDERED TO A 4-LAYER BOARD)
TOP VIEW
11
KD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC UTDFN
10
9
6
7
8
4
5
3
2
1
VFB2
VOUT2
RUN1
SW2
RUN2
VFB1
VOUT1
VIN
SW1
GND
TJMAX = 125°C,
θJA = 43°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB GND
(SOLDERED TO A 4-LAYER BOARD)
PIN CONFIGURATION
ORDER INFORMATION
Ambient Operating Temperature Range
(Note 2)....................................................– 40°C to 85°C
Junction Temperature (Note 5) ............................. 125°C
Storage Temperature Range...................– 65°C to 125°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3548EDD-1#PBF
LTC3548EDD-1#TRPBF
LBZC
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC3548EKD-1#PBF
LTC3548EKD-1#TRPBF
CXVT
10-Lead (3mm
× 3mm) Plastic UTDFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com