Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCXO-7050 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # VCXO-7050
Description  Miniature VCXO Geared to Broadband
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

VCXO-7050 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  VCXO-7050 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
sSpecifications
sOutline
Type
Frequency range
APR (Absolute Pull Range)
Operable temperature range
Storage temperature
Aging
Power supply voltage
Power supply current
Output load
Output level
Output symmetry
Rise time/Fall time
12.2880MHz to 80.0000MHz *1
−40: to +85:
−40: to +90:
APR is tolerable with 20years aging
15mA max.
15pF
±10%
VOH :
+0.9Vcc min. / VOL : +0.1Vcc max.
10ns max. / 10ns max.
Vibration
Shock
Humidity
Weight
VCXO-7050
VCXO-7050L
±50 ×10–6 or ±100×10–6 *2 (Vc = 0.5~4.5V)
±50 ×10–6 or ±100×10–6 *2 (Vc = 0.3~3.0V)
VDD
=+5.0 V±5%
VDD
=+3.3V±5%
40% to 60% (at
+2.50V DC)
40% to 60% (at
+1.65V DC)
MIL-STD-883 Method 2007
IEC68-2-6 test Fc
MIL-STD-202-Method 204
MIL-STD-883 Method 2002
IEC68-2-27 test Ea
MIL-STD-202-Method 213
EIA / JESD22-A101
0.17gram
¡APR
=Absolute Pull Range is the minimum guaranteed (voltage contorolled) frequency shift ( f/f NOM)
over all conditions (temperature, aging, power supply and load)
*1 33MHz to 80MHz are underdevelopment.
*2 For 100
×10–6, ask our sales representative.
5.08
1.8
2.54
VCXO-7050/7050L
Miniature VCXO Geared to Broadband
sFeatures
¡“Small Size” as small as 0.063cc. (5
×7×1.8mm)
¡Using 1 chip HCMOS IC.
¡3-state devices are available.
¡APR (Absolute Pull Range) of up to
±50ppm or ±100ppm*2.
sTypical Applications
¡Digital switching system
¡ATM SDH
¡SONET
¡XDSL
sLand Pattern(reference)
#1
#2
#3
#4
#5
2.54±0.2
7.00±0.2
#6
1.40
(unit : mm)
PAD Function
#1:VC
#2:3-State
#3:GND
#4:OUT
#5:NC
#6:VDD
2.54±0.2
Dimensions(mm)
VCXO-7050/7050L


Similar Part No. - VCXO-7050

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCXO-705-EAE-KA VECTRON-VCXO-705-EAE-KA Datasheet
214Kb / 6P
Voltage Controlled Crystal Oscillator
VCXO-705-EAE-PA VECTRON-VCXO-705-EAE-PA Datasheet
214Kb / 6P
Voltage Controlled Crystal Oscillator
VCXO-705-EAT-KA VECTRON-VCXO-705-EAT-KA Datasheet
214Kb / 6P
Voltage Controlled Crystal Oscillator
VCXO-705-EAT-PA VECTRON-VCXO-705-EAT-PA Datasheet
214Kb / 6P
Voltage Controlled Crystal Oscillator
More results

Similar Description - VCXO-7050

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200_15 Datasheet
777Kb / 10P
Miniature Broadband Gain Stage
logo
Copal Electronics
HG16 COPAL-HG16 Datasheet
58Kb / 2P
DC GEARED MOTORS
LA16G324B COPAL-LA16G324B Datasheet
75Kb / 2P
DC GEARED MOTORS
LC30G COPAL-LC30G Datasheet
70Kb / 2P
DC GEARED MOTORS
logo
Mitsumi Electronics, Co...
M22E-13G MITSUMI-M22E-13G Datasheet
213Kb / 1P
Geared Motors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com