Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4491 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4491
Description  BlueNRG updater
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4491 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4491 Datasheet HTML 9Page - STMicroelectronics AN4491 Datasheet HTML 10Page - STMicroelectronics AN4491 Datasheet HTML 11Page - STMicroelectronics AN4491 Datasheet HTML 12Page - STMicroelectronics AN4491 Datasheet HTML 13Page - STMicroelectronics AN4491 Datasheet HTML 14Page - STMicroelectronics AN4491 Datasheet HTML 15Page - STMicroelectronics AN4491 Datasheet HTML 16Page - STMicroelectronics AN4491 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DocID026337 Rev 1
13/18
AN4491
Updater commands
18
Event(s) generated:
The controller will generate a command complete event went the data has been
programmed.
6.9
Updater_ReadDataBlock
Description:
This command reads a block of data from the Flash, starting from the given base address.
Note:
For it is only allowed to read from the IFR flash. So the Base Address must be bigger than
0x10020000.
Table 18. Updater_WriteDataBlock command parameters
Parameter
Size
Description
Address
4 bytes
Initial address to start the writing of the data
Data Length
2 bytes
Length of the data (unit in bytes)
Data
0-N bytes
Data to be programmed
Table 19. Updater_WriteDataBlock return parameters
Parameter
Size
Description
Status
1 byte
0x00: BLE_STATUS_SUCCESS
0x12: Invalid HCI parameters
This may happen if there is an attempt to write outside the
allowed range.
Table 20. Updater_ReadDataBlock
Command name
Parameters
Return
Updater_ReadDataBlock (0xFC28)
Base Address
Data Length
Status
Data
Table 21. Updater_ReadDataBlock command parameters
Parameter
Size
Description
Address
4 bytes
Initial address
Data
2 bytes
Length of the data (unit in bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com