Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3564 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3564
Description  2.25MHz, 1.25A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3564 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3564 Datasheet HTML 9Page - Linear Technology LTC3564 Datasheet HTML 10Page - Linear Technology LTC3564 Datasheet HTML 11Page - Linear Technology LTC3564 Datasheet HTML 12Page - Linear Technology LTC3564 Datasheet HTML 13Page - Linear Technology LTC3564 Datasheet HTML 14Page - Linear Technology LTC3564 Datasheet HTML 15Page - Linear Technology LTC3564 Datasheet HTML 16Page - Linear Technology LTC3564 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC3564
3564f
Figure 4a. LTC3564 TSOT-23 Layout Diagram
APPLICATIO S I FOR ATIO
Figure 4b. LTC3564 DFN Layout Diagram
VFB
LTC3564
GND
VIN
L1
R2
R1
CFWD
BOLD LINES INDICATE HIGH CURRENT PATH
VOUT
VIN
3564 F04a
4
5
1
3
+
–
2
RUN
SW
COUT
CIN
SW
LTC3564
PGND
VIN
R1
CFWD
BOLD LINES INDICATE HIGH CURRENT PATH
VIN
VOUT
3564 F04b
4
6
5
1
3
+
–
2
RUN
SGND
VFB
COUT
CIN
R2
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com