Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1024 Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # 1024
Description  In-System Programmable High Density PLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

1024 Datasheet(HTML) 2 Page - Lattice Semiconductor

  1024 Datasheet HTML 1Page - Lattice Semiconductor 1024 Datasheet HTML 2Page - Lattice Semiconductor 1024 Datasheet HTML 3Page - Lattice Semiconductor 1024 Datasheet HTML 4Page - Lattice Semiconductor 1024 Datasheet HTML 5Page - Lattice Semiconductor 1024 Datasheet HTML 6Page - Lattice Semiconductor 1024 Datasheet HTML 7Page - Lattice Semiconductor 1024 Datasheet HTML 8Page - Lattice Semiconductor 1024 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Specifications ispLSI 1024/883
2
The device also has 48 I/O cells, each of which is directly
connected to an I/O pin. Each I/O cell can be individually
programmed to be a combinatorial input, registered in-
put, latched input, output or
bi-directional
I/O pin with 3-state control. Additionally, all outputs are
polarity selectable, active high or active low. The signal
levels are TTL compatible voltages and the output drivers
can source 4 mA or sink 8 mA.
Eight GLBs, 16 I/O cells, two dedicated inputs and one
ORP are connected together to make a Megablock (see
figure 1). The outputs of the eight GLBs are connected
to a set of 16 universal I/O cells by the ORP. The I/O cells
within the Megablock also share a common Output
Enable (OE) signal. The ispLSI 1024/883 device con-
tains three of these Megablocks.
Functional Block Diagram
Figure 1.ispLSI 1024/883 Functional Block Diagram
Y
0
Y
1
Y
2
Y
3
I/O 0
I/O 1
I/O 2
I/O 3
IN 5
IN 4
I/O 6
I/O 7
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
I/O 47
I/O 46
I/O 45
I/O 44
I/O 43
I/O 42
I/O 41
I/O 40
I/O 39
I/O 38
I/O 37
I/O 36
I/O 35
I/O 34
I/O 33
I/O 32
I/O
17
I/O
16
I/O
18
I/O
19
I/O
20
I/O
21
I/O
22
I/O
23
I/O
24
I/O
25
I/O
26
I/O
27
I/O
28
I/O
29
I/O
30
I/O
31
I/O 4
I/O 5
RESET
Global
Routing
Pool
(GRP)
Output Routing Pool (ORP)
CLK 0
CLK 1
CLK 2
IOCLK 0
IOCLK 1
Clock
Distribution
Network
B0
B1
B2
B3
B4
B5
B6
B7
A0
A1
A2
A3
A4
A5
A6
A7
C7
C6
C5
C4
C3
C2
C1
C0
Generic
Logic Blocks
(GLBs)
Megablock
ispEN
Input Bus
0139D_1024.eps
SDI/IN 0
SDO/IN 1
SCLK/IN 2
MODE/IN 3
The GRP has as its inputs the outputs from all of the GLBs
and all of the inputs from the bi-directional I/O cells. All of
these signals are made available to the inputs of the
GLBs. Delays through the GRP have been equalized to
minimize timing skew.
Clocks in the ispLSI 1024/883 device are selected using
the Clock Distribution Network. Four dedicated clock pins
(Y0, Y1, Y2 and Y3) are brought into the distribution
network, and five clock outputs (CLK 0, CLK 1, CLK 2,
IOCLK 0 and IOCLK 1) are provided to route clocks to the
GLBs and I/O cells. The Clock Distribution Network can
also be driven from a special clock GLB (B4 on the ispLSI
1024/883 device). The logic of this GLB allows the user
to create an internal clock from a combination of internal
signals within the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com