Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN1171 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TN1171
Description  Description of UFDFPN5, UFDFPN8 and WFDFPN8 for STMicroelectronics EEPROMs and recommendations for use
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1171 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TN1171 Datasheet HTML 18Page - STMicroelectronics TN1171 Datasheet HTML 19Page - STMicroelectronics TN1171 Datasheet HTML 20Page - STMicroelectronics TN1171 Datasheet HTML 21Page - STMicroelectronics TN1171 Datasheet HTML 22Page - STMicroelectronics TN1171 Datasheet HTML 23Page - STMicroelectronics TN1171 Datasheet HTML 24Page - STMicroelectronics TN1171 Datasheet HTML 25Page - STMicroelectronics TN1171 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
DocID026092 Rev 3
23/26
TN1171
Package quality
26
14
Package quality
14.1
Electrical inspection
All the critical parameters defined in the DFN device datasheet are 100 % electrically
characterized. The other parameters are guaranteed by technology, design rules or by
continuous monitoring systems.
14.2
Visual inspection
A visual control is performed on all manufacturing lots according to JESD22_B101B
specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com