Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN1176 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TN1176
Description  To ease the development of STM32 microcontroller applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1176 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TN1176 Datasheet HTML 7Page - STMicroelectronics TN1176 Datasheet HTML 8Page - STMicroelectronics TN1176 Datasheet HTML 9Page - STMicroelectronics TN1176 Datasheet HTML 10Page - STMicroelectronics TN1176 Datasheet HTML 11Page - STMicroelectronics TN1176 Datasheet HTML 12Page - STMicroelectronics TN1176 Datasheet HTML 13Page - STMicroelectronics TN1176 Datasheet HTML 14Page - STMicroelectronics TN1176 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DocID026267 Rev 1
13/15
TN1176
Consumption comparison
14
5
Consumption comparison
The STM32L15xx6/8/B-A or STM32L100x6/8/B-A devices feature less dynamic
consumption than the STM32L15xx6/8/B or STM32L100x6/8/B devices respectively, due to
the advanced manufacturing technology. The power consumptions in low-power modes are
on similar levels.
Table 6 shows the differences in power consumption between the devices in the various
operating modes.
Table 6. Consumption differences summary
Parameters (all at VDD=3V)
STM32L15xx6/8/B
STM32L100x6/8/B
STM32L15xx6/8/B-A
STM32L100x6/8/B-A
Full speed from flash (32 MHz in HSI)
294 μA/MHz
257 μA/MHz
MSI clock from flash (4.2 MHz)
214 μA/MHz
185 μA/MHz
Low-power Run from RAM @ 32 kHz
9.0 μA
10.9 μA
Low-power sleep from RAM @ 32 kHz
4.4 μA
5.5 μA
Stop mode
500 nA
434 nA
Stop mode with RTC on LSI
1.40 μA
1.38 μA
Standby mode
300 nA
277 nA
Standby mode with RTC on LSI
1.30 μA
1.11 μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com