Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750004 Datasheet(PDF) 2 Page - NEC

Part # UPD750004
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750004 Datasheet(HTML) 2 Page - NEC

  UPD750004 Datasheet HTML 1Page - NEC UPD750004 Datasheet HTML 2Page - NEC UPD750004 Datasheet HTML 3Page - NEC UPD750004 Datasheet HTML 4Page - NEC UPD750004 Datasheet HTML 5Page - NEC UPD750004 Datasheet HTML 6Page - NEC UPD750004 Datasheet HTML 7Page - NEC UPD750004 Datasheet HTML 8Page - NEC UPD750004 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
2
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
ORDERING INFORMATION
Part number
Package
Quality grade
µPD750004CU-×××
42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
Standard
µPD750004GB-×××-3BS-MTX
44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
Standard
µPD750006CU-×××
42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
Standard
µPD750006GB-×××-3BS-MTX
44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
Standard
µPD750008CU-×××
42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
Standard
µPD750008GB-×××-3BS-MTX
44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
Standard
µPD750004CU(A)-×××
42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
Special
µPD750004GB(A)-×××-3BS-MTX
44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
Special
µPD750006CU(A)-×××
42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
Special
µPD750006GB(A)-×××-3BS-MTX
44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
Special
µPD750008CU(A)-×××
42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
Special
µPD750008GB(A)-×××-3BS-MTX
44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
Special
Remark
××× is a mask ROM code number.
DIFFERENCES BETWEEN
µPD75000× AND µPD75000×(A)
Product number
Item
Quality grade
Standard
Special
Please refer to "Quality Grades on NEC Semiconductor Devices" (Document No. C11531E) published by
NEC Corporation to know the specification of quality grade on the devices and its recommended applications.
µPD750004
µPD750006
µPD750008
µPD750004(A)
µPD750006(A)
µPD750008(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com