Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4640 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4640
Description  This application note describes how peripherals
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4640 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4640 Datasheet HTML 9Page - STMicroelectronics AN4640 Datasheet HTML 10Page - STMicroelectronics AN4640 Datasheet HTML 11Page - STMicroelectronics AN4640 Datasheet HTML 12Page - STMicroelectronics AN4640 Datasheet HTML 13Page - STMicroelectronics AN4640 Datasheet HTML 14Page - STMicroelectronics AN4640 Datasheet HTML 15Page - STMicroelectronics AN4640 Datasheet HTML 16Page - STMicroelectronics AN4640 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DocID027335 Rev 2
13/19
AN4640
Peripherals interconnect matrix
18
USB (OTG_FS SOF) and USB (OTG HS SOF) can generate a trigger to general-purpose
timer (TIM2), as shown in Figure 5.
Figure 5. SOF connectivity
The interconnection between USB and TIM2 is described in the “SOF trigger” section of
RM0390 and RM0090 reference manuals.
2.5.3
From ETH block to TIM
The MAC can generate a trigger to general-purpose timer (TIM2).
This PTP trigger signal is connected to the TIM2 ITR1 input selectable by software. The
connection is enabled through bits 11 and 10 in the TIM2 option register (TIM2_OR).
Figure 6. PTP trigger output to TIM2 ITR1 connection
Connection of ETH to TIM2 is described in the section “Precision time protocol (IEEE1588
PTP)” of the RM0090 reference manual.
2.5.4
From Communication interfaces to DMA
Refer to Section 2.6: DMA block.
2.6
DMA block
Each stream is associated with a DMA request that can be selected out of 8 possible
channel requests. The selection is controlled by the CHSEL[2:0] bits in the DMA_SxCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com