Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC221A Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC221A
Description  1.2V Input / Output Rail To Rail CMOS Op Amp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC221A Datasheet(HTML) 2 Page - Torex Semiconductor

  XC221A_15 Datasheet HTML 1Page - Torex Semiconductor XC221A_15 Datasheet HTML 2Page - Torex Semiconductor XC221A_15 Datasheet HTML 3Page - Torex Semiconductor XC221A_15 Datasheet HTML 4Page - Torex Semiconductor XC221A_15 Datasheet HTML 5Page - Torex Semiconductor XC221A_15 Datasheet HTML 6Page - Torex Semiconductor XC221A_15 Datasheet HTML 7Page - Torex Semiconductor XC221A_15 Datasheet HTML 8Page - Torex Semiconductor XC221A_15 Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
XC221A Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
①
The Number of Channels
1
One channel
1
15μA
②
Supply Current
2
100μA
③
Internal Standard Number
0
Fixed
④
Load Capacitance
0
200pF
MR
SOT-25
⑤⑥-⑦
Packages
Taping Type
(*2)
MR-G
SOT-25 (Halogen & Antimony free)
PARAMETER
SYMBOL
RATINGS
UNITS
VDD Pin Voltage
VDD
-0.3 ~ 12.0
V
OUT Pin Voltage
VOUT
-0.3 ~ 12.0
V
IN Pin Voltage
VIN+
-0.3~VDD+0.3
V
IN/ Pin Voltage
VIN-
-0.3~VDD+0.3
V
OUT Pin Current
IOUT
±100
mA
Power Dissipation
Pd
150
mW
Operating Temperature Range
Topr
-30 ~ +80
℃
Storage Temperature Range
Tstg
-40 ~ +125
℃
■ABSOLUTE MAXIMUM RATINGS
■PRODUCT CLASSIFICATION
●Ordering Information
Ta = 25℃, VSS = 0V
RAIL-TO-RAIL is a trademark of Motorola.
XC221A①②③④⑤⑥-⑦
(*1)
(*1)
The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2)
The device orientation is fixed in its embossed tape pocket.
For reverse orientation, please contact your local Torex sales office or
representative. (Standard orientation: ⑤R-⑦, Reverse orientation: ⑤L-⑦)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com