Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC2301 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC2301
Description  Tri-State Buffer ICs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2301 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC2301_15 Datasheet HTML 1Page - Torex Semiconductor XC2301_15 Datasheet HTML 2Page - Torex Semiconductor XC2301_15 Datasheet HTML 3Page - Torex Semiconductor XC2301_15 Datasheet HTML 4Page - Torex Semiconductor XC2301_15 Datasheet HTML 5Page - Torex Semiconductor XC2301_15 Datasheet HTML 6Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
XC2301 Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
①
Duty Level
C
: CMOS (VDD/2)
②
Fixed Number
5
: -
1
: Q0=fin/1
2
: Q0=fin/2
4
: Q0=fin/4
③
Divider Ratio
8
: Q0=fin/8
④
Output
V
: Tri-state buffer
⑤⑥-⑦
Packages
Taping Type
(*2)
MR-G
: SOT-26
PARAMETER
SYMBOL
CONDITIONS
UNITS
Supply Voltage
VDD
VSS - 0.3 ~ VSS + 7.0
V
Input Voltage
VIN
VSS - 0.3 ~ VDD + 0.3
V
Power Dissipation
Pd
250(**)
mW
Operating Temperature Range
Topr
- 40 ~ + 85
℃
Storage Temperature Range
Tstg
- 55 ~ + 125
℃
■ PRODUCT CLASSIFICATION
●Ordering Information
XC2301
①②③④⑤⑥-⑦(
*1)
■BLOCK DIAGRAM
■ABSOLUTE MAXIMUM RATINGS
Ta=25
℃
** When implemented on a glass epoxy PCB.
(*1)
The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2)
The device orientation is fixed in its embossed tape pocket.
For reverse orientation, please contact your local Torex sales office or
representative. (Standard orientation:
⑤R-⑦, Reverse orientation: ⑤L-⑦)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com