Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4654 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4654
Description  Migrating between STM32L1 and STM32L0 series microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4654 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4654 Datasheet HTML 17Page - STMicroelectronics AN4654 Datasheet HTML 18Page - STMicroelectronics AN4654 Datasheet HTML 19Page - STMicroelectronics AN4654 Datasheet HTML 20Page - STMicroelectronics AN4654 Datasheet HTML 21Page - STMicroelectronics AN4654 Datasheet HTML 22Page - STMicroelectronics AN4654 Datasheet HTML 23Page - STMicroelectronics AN4654 Datasheet HTML 24Page - STMicroelectronics AN4654 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
DocID027444 Rev 1
21/32
AN4654
Peripheral migration
31
3.11
ADC interface
The table below presents the differences between the ADC interface of STM32L1 series
and STM32L0 series; these differences are the following:
New analog design
New digital interface
New architecture and new features
Table 10. ADC differences between STM32L1 series and STM32L0 series
ADC
STM32L1 series
STM32L0 series
Type
SAR structure
SAR structure
Repartition
ADC1, ADC2
ADC
Max sampling freq
1 MSPS
1.14 MSPS
Number of channels Up to 40 channels + 2 internal
Up to 16 channels + 3 internal(1)
Resolution
12-bit
12-bit
(16-bit with hardware oversampling)
Conversion Modes
Single / Continuous / Scan /
Discontinuous / Dual Mode
Single / Continuous / Scan /
Discontinuous
DMA
Yes
Yes
External Trigger
External event for regular
channels:
– TIM9_CC2
–TIM9_TRGO
– TIM2_CC3
– TIM2_CC2
–TIM3_TRGO
– TIM4_CC4
–TIM2_TRGO
– TIM3_CC1
– TIM3_CC3
–TIM4_TRGO
–TIM6_TRGO
– EXTI line11
External event for injected
channels:
– TIM9_CC1
–TIM9_TRGO
–TIM2_TRGO
– TIM2_CC1
– TIM3_CC4
–TIM4_TRGO
– TIM4_CC1
– TIM4_CC2
– TIM4_CC3
– TIM10_CC1
–TIM7_TRGO
– EXTI line15
TIM6_TRGO
TIM21_CH2
TIM2_TRGO
TIM2_CH4
TIM22_TRGO
TIM2_CH3
TIM3_TRGO
EXTI line 11
Supply requirement 1.8 to 3.6 V
1.65 to 3.6 V
Input range
Vref- ≤ Vin ≤ Vref+
VSSA ≤ VIN ≤ VDDA ≤ 3.6 V
1. Same feature but specification change or enhancement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com