Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC2404 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC2404
Description  1.6GHz Low Noise Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2404 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC2404_15 Datasheet HTML 1Page - Torex Semiconductor XC2404_15 Datasheet HTML 2Page - Torex Semiconductor XC2404_15 Datasheet HTML 3Page - Torex Semiconductor XC2404_15 Datasheet HTML 4Page - Torex Semiconductor XC2404_15 Datasheet HTML 5Page - Torex Semiconductor XC2404_15 Datasheet HTML 6Page - Torex Semiconductor XC2404_15 Datasheet HTML 7Page - Torex Semiconductor XC2404_15 Datasheet HTML 8Page - Torex Semiconductor XC2404_15 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/16
XC2404A816UR-G
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTON
①②-③
Packages
Taping Type
UR-G
USP-8A01
PIN NUMBER
USP-8A01
PIN NAME
FUNCTION
1
RF_IN
RF Signal Input
2
VSS1
Ground
3
VSS2
Ground
4
VSS3
Ground
5
RF_OUT
RF Signal Output
6
VDD3
Power Supply
7
VDD2
Power Supply
8
VDD1
Power Supply
■PIN CONFIGURATION
■PIN ASSIGNMENT
USP-8A01
(BOTTOM VIEW)
5
6
7
8
1
2
3
4
VDD1
VDD2
VDD3
VSS3
VSS2
VSS1
RF_OUT
RF_IN
■PRODUCT CLASSIFICATION
●Ordering Information
XC2404A816①②-③ (
*1)
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com