Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4676 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4676
Description  STM32F7 Series peripheral interconnections
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4676 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4676 Datasheet HTML 9Page - STMicroelectronics AN4676 Datasheet HTML 10Page - STMicroelectronics AN4676 Datasheet HTML 11Page - STMicroelectronics AN4676 Datasheet HTML 12Page - STMicroelectronics AN4676 Datasheet HTML 13Page - STMicroelectronics AN4676 Datasheet HTML 14Page - STMicroelectronics AN4676 Datasheet HTML 15Page - STMicroelectronics AN4676 Datasheet HTML 16Page - STMicroelectronics AN4676 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DocID027699 Rev 2
13/18
AN4676
Peripheral interconnect matrix
17
The interconnection between USB and TIM2 is described in the SOF trigger section of
RM0385 reference manual.
2.5.3
From ETH to TIM
The MAC can generate a trigger to general-purpose timer (TIM2).
This PTP trigger signal is connected to the TIM2 ITR1 input selectable by software. The
connection is enabled through ITR1_RMP (bits 11 and 10) in the TIM2 option register
(TIM2_OR).
Figure 7. PTP trigger output to TIM2 ITR1 connection
The interconnection between ETH and TIM2 is described in the precision time protocol
(IEEE 1588 PTP) section of RM0385 reference manual.
2.5.4
From communication interfaces to DMA
Refer to Section 2.6: DMA block.
2.6
DMA block
Each stream is associated with a DMA request that can be selected out of 8 possible
channel requests. The selection is controlled by the CHSEL [2:0 bits] of the DMA_SxCR
register. The 8 requests from the peripherals (TIM, ADC, SPI, I2C, etc.) are independently
connected to each channel and their connection depends on the product implementation.
This interconnection is explained in the following tables of RM0385 reference manual:
DMA1 request mapping
DMA2 request mapping
For more details on the DMA description, refer to DMA general description of RM0385
reference manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com