Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1045 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBR1045
Description  Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR1045 Datasheet(HTML) 2 Page - Vishay Siliconix

  MBR1045 Datasheet HTML 1Page - Vishay Siliconix MBR1045 Datasheet HTML 2Page - Vishay Siliconix MBR1045 Datasheet HTML 3Page - Vishay Siliconix MBR1045 Datasheet HTML 4Page - Vishay Siliconix MBR1045 Datasheet HTML 5Page - Vishay Siliconix MBR1045 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR(F,B)1035 thru MBR(F,B)1060
www.vishay.com
Vishay General Semiconductor
Revision: 13-Jun-12
2
Document Number: 88669
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MBR1535
MBR1545
MBR1550
MBR1560
UNIT
Maximum instantaneous forward voltage
VF (1)
IF = 10 A
TJ = 25 °C
-
0.80
V
IF = 10 A
TJ = 125 °C
0.57
0.70
IF = 20 A
TJ = 25 °C
0.84
0.95
IF = 20 A
TJ = 125 °C
0.72
0.85
Maximum instantaneous reverse current
at DC blocking voltage
IR (2)
Rated VR
TJ = 25 °C
0.10
mA
TJ = 125 °C
15
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR
MBRF
MBRB
UNIT
Typical thermal resistance from juntion to case
RJC
2.0
4.0
2.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
MBR1045-E3/45
1.80
45
50/tube
Tube
ITO-220AC
MBRF1045-E3/45
1.94
45
50/tube
Tube
TO-263AB
MBRB1045-E3/45
1.33
45
50/tube
Tube
TO-263AB
MBRB1045-E3/81
1.33
81
800/reel
Tape and reel
TO-220AC
MBR1045HE3/45 (1)
1.80
45
50/tube
Tube
ITO-220AC
MBRF1045HE3/45 (1)
1.94
45
50/tube
Tube
TO-263AB
MBRB1045HE3/45 (1)
1.33
45
50/tube
Tube
TO-263AB
MBRB1045HE3/81 (1)
1.33
81
800/reel
Tape and reel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com