Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN1206 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TN1206
Description  Tape and reel shipping media for STM8 and STM32 microcontrollers in QFP packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1206 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TN1206 Datasheet HTML 8Page - STMicroelectronics TN1206 Datasheet HTML 9Page - STMicroelectronics TN1206 Datasheet HTML 10Page - STMicroelectronics TN1206 Datasheet HTML 11Page - STMicroelectronics TN1206 Datasheet HTML 12Page - STMicroelectronics TN1206 Datasheet HTML 13Page - STMicroelectronics TN1206 Datasheet HTML 14Page - STMicroelectronics TN1206 Datasheet HTML 15Page - STMicroelectronics TN1206 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Carrier tape mechanical dimensions
TN1206
12/16
DocID027388 Rev 3
Table 5. Carrier tape constant dimensions (width > 24 mm)
Tape
width
D0
D1 min
E1
P0
P2
R(1)
S1
T max. T1 max.
Unit
32 mm
1.5+0.1-
0.0
2.0
1.75±0.1
4.0±0.1
2.0±0.1
50
0.6
0.6
0.1
mm
44 mm
2.0±0.15
1. The maximum radius the tape with or without components can bend without damage is specified in Section 6: Bending
radius requirements).
Table 6. Carrier tape variable dimensions (width > 24 mm)
Tape
width
B1
F
P1
S0
T2 max.
W max.
A0, B0, K0
Unit
32 mm
23.0
14.2±0.10
24.0±0.1
28.4±0.1
12.0
32.0±0.3
See (1)
mm
44 mm
35.0
20.2±0.15
32.0±0.1
40.4±0.1
16.0
44.0±0.3
1. The cavity defined by A0, B0 and K0 surrounds the component with sufficient clearance so that:
- The component does not protrude above the top surface of the carrier tape.
- The component can be removed vertically from the cavity without mechanical restriction, after the top cover tape has been
removed.
- Rotation of the component is limited to 10° maximum for 44 mm tapes.
- Lateral movements of the component are restricted to 1.0 mm maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com