Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B340LAB Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B340LAB
Description  3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B340LAB Datasheet(HTML) 2 Page - Diodes Incorporated

  B340LAB_15 Datasheet HTML 1Page - Diodes Incorporated B340LAB_15 Datasheet HTML 2Page - Diodes Incorporated B340LAB_15 Datasheet HTML 3Page - Diodes Incorporated B340LAB_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B340LA/B
Document number: DS30240 Rev. 10 - 2
2 of 4
www.diodes.com
September 2010
© Diodes Incorporated
B340LA/B
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Average Rectified Output Current (Note 4)
TT = 90°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current, single sine-wave
superimposed on rated load, 60Hz
IFSM
70
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Operating and Storage Temperature Range
TJ, TSTG
-55 to +125
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Conditions
Reverse Breakdown Voltage (Note 5)
V(BR)R
40
V
IR = 2.0mA
Forward Voltage Drop
VF
0.310
0.350
0.450
V
IF = 1.0A
IF = 3.0A
Leakage Current (Note 5)
IR
150
uA
VR = 15V
VR = 20V
VR = 40V
1.0
2.0
mA
Total Capacitance
CT
180
pF
f = 1MHz, VR = 4.0VDC
Thermal Resistance, Junction to Terminal
RθJT
25
°C/W
Notes:
4. When mounted on alumina substrate, 180° half sine wave.
5. Short duration pulse test used to minimize self-heating effect.
0.1
1.0
10
100
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
T = 25ºC
A
T = 125ºC
A
T = 100ºC
A
10
0
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
T = 125ºC
A
T = 100ºC
A
T = 25ºC
A
100
10
1.0
0.1
0.01
1,000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com