Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS116LP3 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAS116LP3
Description  ULTRA-SMALL SURFACE MOUNT LOW LEAKAGE DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS116LP3 Datasheet(HTML) 3 Page - Diodes Incorporated

  BAS116LP3_15 Datasheet HTML 1Page - Diodes Incorporated BAS116LP3_15 Datasheet HTML 2Page - Diodes Incorporated BAS116LP3_15 Datasheet HTML 3Page - Diodes Incorporated BAS116LP3_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAS116LP3
Document number: DS35241 Rev. 6 - 2
3 of 4
www.diodes.com
April 2013
© Diodes Incorporated
BAS116LP3
0.1
1
10
100
0
1020 30
40
50
607080 90 100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Figure 3 Typical Reverse Characteristics
R
T = 125ºC
A
T = -55ºC
A
T = 85ºC
A
T = 25ºC
A
T = 150ºC
A
110
100
V , DC REVERSE VOLTAGE (V)
Figure 4 Typical Total Capacitance vs. Reverse Voltage
R
0.4
0.8
1.2
1.6
0
2.0
f = 1MHz
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Bottom View
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
X3-DFN0603-2
Dim
Min
Max
Typ
A
0.27
0.35
0.30
A1
0.00
0.03
0.02
b
0.19
0.29
0.24
D
0.595
0.645
0.62
E
0.295
0.345
0.32
e
-
-
0.355
L
0.14
0.24
0.19
All Dimensions in mm
Dimensions
Value (in mm)
C
0.380
X
0.230
Y
0.300
Z
0.610
Z
Y (2x)
X (2x)
C
L (2x)
E
b (2x)
D
A1 (2x)
A
e



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com