Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1001AMH/883 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1001AMH/883
Description  Precision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1001AMH/883 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1001AMH/883 Datasheet HTML 4Page - Linear Technology LT1001AMH/883 Datasheet HTML 5Page - Linear Technology LT1001AMH/883 Datasheet HTML 6Page - Linear Technology LT1001AMH/883 Datasheet HTML 7Page - Linear Technology LT1001AMH/883 Datasheet HTML 8Page - Linear Technology LT1001AMH/883 Datasheet HTML 9Page - Linear Technology LT1001AMH/883 Datasheet HTML 10Page - Linear Technology LT1001AMH/883 Datasheet HTML 11Page - Linear Technology LT1001AMH/883 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1001
TYPICAL APPLICATIONS
Microvolt Comparator with TTL Output
Photodiode Amplifier
–
+
LT1001
2
2
3
3
6
6
2.0k*
8.2k
LM329
+15V
2
3
6
1001 TA07
2k
4.99k*
2k
–15V
*RN60C FILM RESISTORS
+15V
IN4148
350
Ω BRIDGE
2N2219
REFERENCE OUT
TO MONITORING
A/D CONVERTER
IN4148
100
Ω
100
Ω
5W
10k
ZERO
1
µF
340k*
0 TO 10V
OUT
301k
1.1k*
2N2907
–
+
LT1001
–
+
LT1001
*
GAIN
TRIM
Strain Gauge Signal Conditioner with Bridge Excitation
2
3
–5V
7
8
+5V
NON
INVERTING
INPUT
INVERTING
INPUT
4
IN914
1001 TA03
OUTPUT
2N3904
4.99k 1%
20k
5%
1.21M
1%
39.2
Ω 1%
5k 5%
–
+
LT1001
Positive feedback to one of the nulling terminals
creates 5
µ to 20 µV of hysteresis. Input offset
voltage is typically changed by less than 5
µV due
to the feedback.
2
3
6
100pF
100pF
1001 TA04
OUTPUT
1V/
µA
500k
1%
500k 1%
–
+
LT1001
λ
Precision Current Sink
2
3
6
7
R
–5V
VIN
V+ = 2 to 35V
4
1001 TA06
10K
–
+
LT1001
2N3685
2N2219
0 to (V+ – 1V)
IOUT =
VIN
R
2
3
6
7
R
5V
VIN
V– = –2 to –35V
4
1001 TA05
C
RC
≈ 10–4
5k
5k
10k
–
+
LT1001
2N3685
1000pF
2N2219
0 to (V– + 1V)
IOUT =
VIN
R
Precision Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com