Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1113 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1113
Description  Dual Low Noise, Precision, JFET Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1113 Datasheet(HTML) 2 Page - Linear Technology

  LT1113_15 Datasheet HTML 1Page - Linear Technology LT1113_15 Datasheet HTML 2Page - Linear Technology LT1113_15 Datasheet HTML 3Page - Linear Technology LT1113_15 Datasheet HTML 4Page - Linear Technology LT1113_15 Datasheet HTML 5Page - Linear Technology LT1113_15 Datasheet HTML 6Page - Linear Technology LT1113_15 Datasheet HTML 7Page - Linear Technology LT1113_15 Datasheet HTML 8Page - Linear Technology LT1113_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1113
1113fb
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
Supply Voltage
–55
°C to 105°C ............................................... ±20V
105
°C to 125°C ............................................... ±16V
Differential Input Voltage ......................................
±40V
Input Voltage (Equal to Supply Voltage) ...............
±20V
Output Short Circuit Duration .......................... 1 Minute
Storage Temperature Range ................ – 65
°C to 150°C
Operating Temperature Range
LT1113AC/LT1113C (Note 2) .......... – 40
°C to 85°C
LT1113AM/LT1113M (OBSOLETE) –55
°C to 125°C
Specified Temperature Range
LT1113AC/LT1113C (Note 3) .......... – 40
°C to 85°C
LT1113AM/LT1113M (OBSOLETE) –55
°C to 125°C
Lead Temperature (Soldering, 10 sec) ................ 300
°C
ELECTRICAL C
C
HARA TERISTICS
LT1113CS8
S8 PART MARKING
1113
LT1113ACN8
LT1113CN8
TJMAX = 150°C, θJA = 190°C/W
LT1113AM/AC
LT1113M/C
SYMBOL PARAMETER
CONDITIONS (Note 4)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
0.40
1.5
0.50
1.8
mV
VS = ±5V
0.45
1.7
0.55
2.0
mV
IOS
Input Offset Current
Warmed Up (Note 5)
30
100
35
150
pA
IB
Input Bias Current
Warmed Up (Note 5)
300
450
320
480
pA
en
Input Noise Voltage
0.1Hz to 10Hz
2.4
2.4
µVP-P
Input Noise Voltage Density
fO = 10Hz
17
17
nV/
√Hz
fO = 1000Hz
4.5
6.0
4.5
6.0
nV/
√Hz
in
Input Noise Current Density
fO = 10Hz, fO = 1000Hz (Note 6)
10
10
fA/
√Hz
RIN
Input Resistance
Differential Mode
1011
10
11
Ω
Common Mode
VCM = –10V to 8V
1011
10
11
Ω
VCM = 8V to 11V
1010
10
10
Ω
CIN
Input Capacitance
14
14
pF
VS = ±5V
27
27
pF
VCM
Input Voltage Range (Note 7)
13.0
13.5
13.0
13.5
V
– 10.5
– 11.0
– 10.5
– 11.0
V
CMRR
Common Mode Rejection Ratio VCM = –10V to 13V
85
98
82
95
dB
VS = ±15V, VCM = 0V, TA = 25°C, unless otherwise noted.
ORDER PART
NUMBER
ORDER PART
NUMBER
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
N8 PACKAGE
8-LEAD PDIP
J8 PACKAGE
8-LEAD CERDIP
B
A
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
B
A
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
Consult LTC Marketing for parts specified with wider operating temperature ranges.
OBSOLETE PACKAGE
Consider the N8 Package for Alternate Source
LT1113AMJ8
LT1113MJ8
TJMAX = 150°C, θJA = 130°C/W (N8)
TJMAX = 160°C, θJA = 100°C/W (J8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com