Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1158 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1158
Description  Half Bridge N-Channel Power MOSFET Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1158 Datasheet(HTML) 2 Page - Linear Technology

  LT1158_15 Datasheet HTML 1Page - Linear Technology LT1158_15 Datasheet HTML 2Page - Linear Technology LT1158_15 Datasheet HTML 3Page - Linear Technology LT1158_15 Datasheet HTML 4Page - Linear Technology LT1158_15 Datasheet HTML 5Page - Linear Technology LT1158_15 Datasheet HTML 6Page - Linear Technology LT1158_15 Datasheet HTML 7Page - Linear Technology LT1158_15 Datasheet HTML 8Page - Linear Technology LT1158_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LT1158
2
1158fb
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (Pins 2, 10) ......................................36V
Boost Voltage (Pin 16) ..............................................56V
Continuous Output Currents (Pins 1, 9, 15).........100mA
Sense Voltages (Pins 11, 12) .................. –5V to V+ + 5V
Top Source Voltage (Pin 13) ................... –5V to V+ + 5V
Boost to Source Voltage (V16 – V13) ........ –0.3V to 20V
(Note 1)
1
2
3
4
5
6
7
8
TOP VIEW
N PACKAGE
16-LEAD PLASTIC DIP
16
15
14
13
12
11
10
9
BOOST DR
V+
BIAS
ENABLE
FAULT
INPUT
GND
B GATE FB
BOOST
T GATE DR
T GATE FB
T SOURCE
SENSE+
SENSE–
V+
B GATE DR
θJA = 70°C/W
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC (WIDE) SO
16
15
14
13
12
11
10
9
BOOST DR
V+
BIAS
ENABLE
FAULT
INPUT
GND
B GATE FB
BOOST
T GATE DR
T GATE FB
T SOURCE
SENSE+
SENSE–
V+
B GATE DR
θJA = 110°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1158CN#PBF
LT1158CN#TRPBF
16-Lead Plastic DIP
0°C to 70°C
LT1158IN#PBF
LT1158IN#TRPBF
16-Lead Plastic DIP
–40°C to 85°C
LT1158CSW#PBF
LT1158CSW#TRPBF
16-Lead Plastic (Wide) SO
0°C to 70°C
LT1158ISW#PBF
LT1158ISW#TRPBF
16-Lead Plastic (Wide) SO
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1158CN
LT1158CN#TR
16-Lead Plastic DIP
0°C to 70°C
LT1158IN
LT1158IN#TR
16-Lead Plastic DIP
–40°C to 85°C
LT1158CSW
LT1158CSW#TR
16-Lead Plastic (Wide) SO
0°C to 70°C
LT1158ISW
LT1158ISW#TR
16-Lead Plastic (Wide) SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Temperature Range
LT1158C................................................... 0°C to 70°C
LT1158I................................................ –40°C to 85°C
Junction Temperature (Note 2)
LT1158C............................................................ 125°C
LT1158I............................................................. 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec.) ................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com