Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1167 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1167
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1167 Datasheet(HTML) 2 Page - Linear Technology

  LT1167_15 Datasheet HTML 1Page - Linear Technology LT1167_15 Datasheet HTML 2Page - Linear Technology LT1167_15 Datasheet HTML 3Page - Linear Technology LT1167_15 Datasheet HTML 4Page - Linear Technology LT1167_15 Datasheet HTML 5Page - Linear Technology LT1167_15 Datasheet HTML 6Page - Linear Technology LT1167_15 Datasheet HTML 7Page - Linear Technology LT1167_15 Datasheet HTML 8Page - Linear Technology LT1167_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LT1167
2
1167fc
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ...................................................... ± 20V
Differential Input Voltage (Within the
Supply Voltage) ......................................................±40V
Input Voltage (Equal to Supply Voltage)................. ± 20V
Input Current (Note 3)..........................................±20mA
Output Short-Circuit Duration ......................... Indefinite
Operating Temperature Range ................. –40°C to 85°C
Specified Temperature Range
LT1167AC/LT1167C/
LT1167AC-1/LT1167C-1 (Note 4) ............ 0°C to 70°C
LT1167AI/LT1167I/
LT1167AI-1/LT1167I-1 ........................ –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
ORDER INFORMATION
PIN CONFIGURATION
1
2
3
4
8
7
6
5
TOP VIEW
RG
–IN
+IN
–VS
RG
+VS
OUTPUT
REF
N8 PACKAGE
8-LEAD PDIP
+
–
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 130°C/W (N8)
TJMAX = 150°C, θJA = 190°C/W (S8)
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1167ACN8#PBF
LT1167ACN8#TRPBF
LT1167AC
8-Lead PDIP
0°C to 70°C
LT1167ACS8#PBF
LT1167ACS8#TRPBF
1167A
8-Lead Plastic SO
0°C to 70°C
LT1167AIN8#PBF
LT1167AIN8#TRPBF
LT1167AI
8-Lead PDIP
–40°C to 85°C
LT1167AIS8#PBF
LT1167AIS8#TRPBF
1167AI
8-Lead Plastic SO
–40°C to 85°C
LT1167CN8#PBF
LT1167CN8#TRPBF
LT1167C
8-Lead PDIP
0°C to 70°C
LT1167CS8#PBF
LT1167CS8#TRPBF
1167
8-Lead Plastic SO
0°C to 70°C
LT1167IN8#PBF
LT1167IN8#TRPBF
LT1167I
8-Lead PDIP
–40°C to 85°C
LT1167IS8#PBF
LT1167IS8#TRPBF
1167I
8-Lead Plastic SO
–40°C to 85°C
LT1167CS8-1#PBF
LT1167CS8-1#TRPBF
11671
8-Lead Plastic SO
0°C to 70°C
LT1167IS8-1#PBF
LT1167IS8-1#TRPBF
11671
8-Lead Plastic SO
–40°C to 85°C
LT1167ACS8-1#PBF
LT1167ACS8-1#TRPBF
11671
8-Lead Plastic SO
0°C to 70°C
LT1167AIS8-1#PBF
LT1167AIS8-1#TRPBF
11671
8-Lead Plastic SO
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1167ACN8
LT1167ACN8#TR
LT1167AC
8-Lead PDIP
0°C to 70°C
LT1167ACS8
LT1167ACS8#TR
1167A
8-Lead Plastic SO
0°C to 70°C
LT1167AIN8
LT1167AIN8#TR
LT1167AI
8-Lead PDIP
–40°C to 85°C
LT1167AIS8
LT1167AIS8#TR
1167AI
8-Lead Plastic SO
–40°C to 85°C
LT1167CN8
LT1167CN8#TR
LT1167C
8-Lead PDIP
0°C to 70°C
LT1167CS8
LT1167CS8#TR
1167
8-Lead Plastic SO
0°C to 70°C
LT1167IN8
LT1167IN8#TR
LT1167I
8-Lead PDIP
–40°C to 85°C
LT1167IS8
LT1167IS8#TR
1167I
8-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com