Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1204 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1204
Description  4-Input Video Multiplexer with 75MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1204 Datasheet(HTML) 2 Page - Linear Technology

  LT1204_15 Datasheet HTML 1Page - Linear Technology LT1204_15 Datasheet HTML 2Page - Linear Technology LT1204_15 Datasheet HTML 3Page - Linear Technology LT1204_15 Datasheet HTML 4Page - Linear Technology LT1204_15 Datasheet HTML 5Page - Linear Technology LT1204_15 Datasheet HTML 6Page - Linear Technology LT1204_15 Datasheet HTML 7Page - Linear Technology LT1204_15 Datasheet HTML 8Page - Linear Technology LT1204_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1204
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage .....................................................
±18V
– Input Current (Pin 13) ....................................
±15mA
+Input and Control/Logic Current (Note 1) ........
±50mA
Output Short-Circuit Duration (Note 2) ......... Continuous
Specified Temperature Range (Note 3) ....... 0
°C to 70°C
Operating Temperature Range ............... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Junction Temperature (Note 4) ............................ 150
°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TJMAX = 150°C, θJA = 70°C/W
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1204CN*
1
2
3
4
5
6
7
8
TOP VIEW
N PACKAGE
16-LEAD PDIP
16
15
14
13
12
11
10
9
VIN0
GND
VIN1
GND
VIN2
GND
VIN3
REF
V+
VO
V–
FB
SHDN
ENABLE
A1
A0
PACKAGE/ORDER I FOR ATIO
*See Note 3
*See Note 3
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VIN0
GND
VIN1
GND
VIN2
GND
VIN3
REF
V+
VO
V–
FB
SHDN
ENABLE
A1
A0
TJMAX = 150°C, θJA = 90°C/W
Consult factory for Industrial and Military grade parts.
ELECTRICAL C
C
HARA TERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
Any Positive Input, TA = 25°C5
14
mV
q
16
mV
Offset Matching
Between Any Positive Input, VS = ±15V
q
0.5
5
mV
Input Offset Voltage Drift
Any Positive Input
q
40
µV/°C
IIN
+
Positive Input Bias Current
Any Positive Input, TA = 25°C3
8
µA
q
10
µA
IIN–
Negative Input Bias Current
TA = 25°C
±20
±100
µA
q
±150
µA
en
Input Noise Voltage
f = 1kHz, RF = 1k, RG = 10Ω, RS = 0Ω
7
nV/
√Hz
+in
Noninverting Input Noise Current Density
f = 1kHz
1.5
pA/
√Hz
–in
Inverting Input Noise Current Density
f = 1kHz
40
pA/
√Hz
CIN
Input Capacitance
Input Selected
3.0
pF
Input Deselected
3.5
pF
COUT
Output Capacitance
Disabled, Pin 11 Voltage = 0V
8
pF
RIN
Positive Input Resistance, Any Positive Input
VS = ±5V, VIN = – 1.5V, 2V, TA = 25°C5
20
M
Ω
VS = ±15V, VIN = ±5V
q
420
M
Ω
0
°C ≤ TA ≤ 70°C, ±5V ≤ VS ≤ ±15V, VCM = 0V, Pin 8 grounded and pulse tested unless otherwise noted.
LT1204CSW*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com