Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1336 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1336
Description  Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1336 Datasheet(HTML) 2 Page - Linear Technology

  LT1336_15 Datasheet HTML 1Page - Linear Technology LT1336_15 Datasheet HTML 2Page - Linear Technology LT1336_15 Datasheet HTML 3Page - Linear Technology LT1336_15 Datasheet HTML 4Page - Linear Technology LT1336_15 Datasheet HTML 5Page - Linear Technology LT1336_15 Datasheet HTML 6Page - Linear Technology LT1336_15 Datasheet HTML 7Page - Linear Technology LT1336_15 Datasheet HTML 8Page - Linear Technology LT1336_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1336
2
1336fa
absoluTe MaxiMuM raTings
Supply Voltage (Pins 2, 10).......................................20V
Boost Voltage............................................................75V
Peak Output Currents (<10µs)..................................1.5A
Input Pin Voltages..............................–0.3V to V+ + 0.3V
Top Source Voltage....................................... –5V to 60V
Boost-to-Source Voltage
(VBOOST – VTSOURCE)............................. –0.3V to 20V
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1336CN#PBF
LT1336CN#TRPBF
LT1336CN
16-Lead Plastic DIP
0°C to 70°C
LT1336IN#PBF
LT1336IN#TRPBF
LT1336IN
16-Lead Plastic DIP
–40°C to 85°C
LT1336CS#PBF
LT1336CS#TRPBF
LT1336CS
16-Lead Plastic SO
0°C to 70°C
LT1336IS#PBF
LT1336IS#TRPBF
LT1336IS
16-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Switch Voltage (Pin 16).............................. –0.3V to 60V
Operating Temperature Range
Commercial ............................................. 0°C to 70°C
Industrial .............................................–40°C to 85°C
Junction Temperature (Note 2) ............................. 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
1
2
3
4
5
6
7
8
TOP VIEW
N PACKAGE
16-LEAD PLASTIC DIP
16
15
14
13
12
11
10
9
ISENSE
SV+
INTOP
INBOTTOM
UVOUT
SGND
PGND
BGATEFB
SWITCH
SWGND
BOOST
TGATEDR
TGATEFB
TSOURCE
PV+
BGATEDR
TJMAX = 125°C, θJA = 70°C/W
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ISENSE
SV+
INTOP
INBOTTOM
UVOUT
SGND
PGND
BGATEFB
SWITCH
SWGND
BOOST
TGATEDR
TGATEFB
TSOURCE
PV+
BGATEDR
TJMAX = 125°C, θJA = 110°C/W
pin conFiguraTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com