Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1461 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1461
Description  Micropower Precision Low Dropout Series Voltage Reference Family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1461 Datasheet(HTML) 2 Page - Linear Technology

  LT1461_15 Datasheet HTML 1Page - Linear Technology LT1461_15 Datasheet HTML 2Page - Linear Technology LT1461_15 Datasheet HTML 3Page - Linear Technology LT1461_15 Datasheet HTML 4Page - Linear Technology LT1461_15 Datasheet HTML 5Page - Linear Technology LT1461_15 Datasheet HTML 6Page - Linear Technology LT1461_15 Datasheet HTML 7Page - Linear Technology LT1461_15 Datasheet HTML 8Page - Linear Technology LT1461_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LT1461
2
1461fa
For more information www.linear.com/LT1461
pin conFiguraTion
absoluTe MaxiMuM raTings
Input Voltage ............................................................20V
Output Short-Circuit Duration.......................... Indefinite
Operating Temperature Range
(Note 2) ............................................. –40°C to 125°C
Storage Temperature Range (Note 3)..... –65°C to 150°C
Specified Temperature Range
Commercial ............................................. 0°C to 70°C
Industrial .............................................–40°C to 85°C
High................................................... –40°C to 125°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
*DNC: DO NOT CONNECT
DNC*
DNC*
VOUT
DNC*
DNC*
VIN
SHDN
GND
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 190°C/W
(Note 3)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1461ACS8-2.5#PBF
LT1461ACS8-2.5#TRPBF
461A25
8-LEAD PLASTIC SO
0°C to 70°C
LT1461ACS8-3#PBF
LT1461ACS8-3#TRPBF
1461A3
8-LEAD PLASTIC SO
0°C to 70°C
LT1461ACS8-3.3#PBF
LT1461ACS8-3.3#TRPBF
461A33
8-LEAD PLASTIC SO
0°C to 70°C
LT1461ACS8-4#PBF
LT1461ACS8-4#TRPBF
1461A4
8-LEAD PLASTIC SO
0°C to 70°C
LT1461ACS8-5#PBF
LT1461ACS8-5#TRPBF
1461A5
8-LEAD PLASTIC SO
0°C to 70°C
LT1461BCS8-2.5#PBF
LT1461BCS8-2.5#TRPBF
461B25
8-LEAD PLASTIC SO
0°C to 70°C
LT1461BCS8-3#PBF
LT1461BCS8-3#TRPBF
1461B3
8-LEAD PLASTIC SO
0°C to 70°C
LT1461BCS8-3.3#PBF
LT1461BCS8-3.3#TRPBF
461B33
8-LEAD PLASTIC SO
0°C to 70°C
LT1461BCS8-4#PBF
LT1461BCS8-4#TRPBF
1461B4
8-LEAD PLASTIC SO
0°C to 70°C
LT1461BCS8-5#PBF
LT1461BCS8-5#TRPBF
1461B5
8-LEAD PLASTIC SO
0°C to 70°C
LT1461CCS8-2.5#PBF
LT1461CCS8-2.5#TRPBF
461C25
8-LEAD PLASTIC SO
0°C to 70°C
LT1461CCS8-3#PBF
LT1461CCS8-3#TRPBF
1461C3
8-LEAD PLASTIC SO
0°C to 70°C
LT1461CCS8-3.3#PBF
LT1461CCS8-3.3#TRPBF
461C33
8-LEAD PLASTIC SO
0°C to 70°C
LT1461CCS8-4#PBF
LT1461CCS8-4#TRPBF
1461C4
8-LEAD PLASTIC SO
0°C to 70°C
LT1461CCS8-5#PBF
LT1461CCS8-5#TRPBF
1461C5
8-LEAD PLASTIC SO
0°C to 70°C
LT1461AIS8-2.5#PBF
LT1461AIS8-2.5#TRPBF
61AI25
8-LEAD PLASTIC SO
–40°C to 85°C
LT1461AIS8-3#PBF
LT1461AIS8-3#TRPBF
461AI3
8-LEAD PLASTIC SO
–40°C to 85°C
LT1461AIS8-3.3#PBF
LT1461AIS8-3.3#TRPBF
61AI33
8-LEAD PLASTIC SO
–40°C to 85°C
LT1461AIS8-4#PBF
LT1461AIS8-4#TRPBF
461AI4
8-LEAD PLASTIC SO
–40°C to 85°C
LT1461AIS8-5#PBF
LT1461AIS8-5#TRPBF
461AI5
8-LEAD PLASTIC SO
–40°C to 85°C
LT1461BIS8-2.5#PBF
LT1461BIS8-2.5#TRPBF
61BI25
8-LEAD PLASTIC SO
–40°C to 85°C
LT1461BIS8-3#PBF
LT1461BIS8-3#TRPBF
461BI3
8-LEAD PLASTIC SO
–40°C to 85°C
LT1461BIS8-3.3#PBF
LT1461BIS8-3.3#TRPBF
61BI33
8-LEAD PLASTIC SO
–40°C to 85°C
LT1461BIS8-4#PBF
LT1461BIS8-4#TRPBF
461BI4
8-LEAD PLASTIC SO
–40°C to 85°C
LT1461BIS8-5#PBF
LT1461BIS8-5#TRPBF
461BI5
8-LEAD PLASTIC SO
–40°C to 85°C
LT1461CIS8-2.5#PBF
LT1461CIS8-2.5#TRPBF
61CI25
8-LEAD PLASTIC SO
–40°C to 85°C
LT1461CIS8-3#PBF
LT1461CIS8-3#TRPBF
461CI3
8-LEAD PLASTIC SO
–40°C to 85°C
LT1461CIS8-3.3#PBF
LT1461CIS8-3.3#TRPBF
61CI33
8-LEAD PLASTIC SO
–40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com