Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1507 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1507
Description  500kHz Monolithic Buck Mode Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1507 Datasheet(HTML) 2 Page - Linear Technology

  LT1507_15 Datasheet HTML 1Page - Linear Technology LT1507_15 Datasheet HTML 2Page - Linear Technology LT1507_15 Datasheet HTML 3Page - Linear Technology LT1507_15 Datasheet HTML 4Page - Linear Technology LT1507_15 Datasheet HTML 5Page - Linear Technology LT1507_15 Datasheet HTML 6Page - Linear Technology LT1507_15 Datasheet HTML 7Page - Linear Technology LT1507_15 Datasheet HTML 8Page - Linear Technology LT1507_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1507
Input Voltage ........................................................... 16V
Boost Pin Voltage .................................................... 25V
Shutdown Pin Voltage ............................................... 7V
FB Pin Voltage (Adjustable Part) ............................. 3.5V
FB Pin Current (Adjustable Part) ............................. 1mA
Sense Voltage (Fixed 3.3V Part) ................................ 5V
Sync Pin Voltage ....................................................... 7V
Operating Ambient Temperature Range
LT1507C .................................................. 0
°C to 70°C
LT1507I .............................................. – 40
°C to 85°C
Max Operating Junction Temperature ................... 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
TJMAX = 125°C, θJA = 80°C/W TO 120°C/ W (N)
TJMAX = 125°C, θJA = 120°C/W TO 170°C/ W (S)
DEPENDING ON PC BOARD LAYOUT
1
2
3
4
8
7
6
5
TOP VIEW
VC
FB/SENSE
GND
SYNC
BOOST
VIN
VSW
SHDN
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
Consult factory for Military grade parts.
ORDER PART
NUMBER
LT1507CN8
LT1507CN8-3.3
LT1507CS8
LT1507CS8-3.3
LT1507IN8
LT1507IN8-3.3
LT1507IS8
LT1507IS8-3.3
S8 PART MARKING
ELECTRICAL CHARACTERISTICS
TJ = 25°C, VIN = 5V, VC = 1.5V, boost open, switch open unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Voltage (Adjustable)
2.39
2.42
2.45
V
All Conditions
q
2.36
2.48
V
Sense Voltage (3.3V)
3.25
3.3
3.35
V
All Conditions
q
3.23
3.37
V
Sense Pin Resistance
q
4.0
6.6
9.5
k
Ω
Reference Voltage Line Regulation
4.3V
≤ VIN ≤ 15V
q
0.01
0.03
%/V
FB Input Bias Current
q
0.5
2
µA
Error Amplifier Voltage Gain (Note 8)
(Note 1)
150
400
Error Amplifier Transconductance (Note 8)
∆I(VC) = ±10µA
1500
2000
2700
µmho
q
1100
3000
µmho
VC Pin to Switch Current
Transconductance
2
A/V
Error Amplifier Source Current
VFB = 2.1V or VSENSE = 2.9V
q
150
225
320
µA
Error Amplifier Sink Current
VFB = 2.7V or VSENSE = 3.7V
2
mA
VC Pin Switching Threshold
Duty Cycle = 0
0.9
V
VC Pin High Clamp
VFB = 2.1V or VSENSE = 2.9V
2.1
V
Switch Current Limit
VC Open, VFB = 2.1V or VSENSE = 2.9V
DC
≤ 50% q
1.50
2
3
A
VIN ≥ 5V, VBOOST = VIN + 5V
DC = 80%
q
1.35
3
A
Switch On Resistance (Note 6)
ISW = 1.5A, VBOOST = VIN + 5V
0.3
0.4
Ω
q
0.5
Ω
Maximum Switch Duty Cycle
VFB = 2.1V or VSENSE = 2.9V
90
93
%
q
86
93
%
1507I
1507I3
1507
15073



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com