Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1001AMJ8/883 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1001AMJ8/883
Description  Precision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1001AMJ8/883 Datasheet(HTML) 1 Page - Linear Technology

  LT1001AMJ8/883 Datasheet HTML 1Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 2Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 3Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 4Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 5Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 6Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 7Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 8Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1001
Precision Operational
Amplifier
s
Guaranteed Low Offset Voltage
LT1001AM
15
µV max
LT1001C
60
µV max
s
Guaranteed Low Drift
LT1001AM
0.6
µV/°C max
LT1001C
1.0
µV/°C max
s
Guaranteed Low Bias Current
LT1001AM
2nA max
LT1001C
4nA max
s
Guaranteed CMRR
LT1001AM
114dB min
LT1001C
110dB min
s
Guaranteed PSRR
LT1001AM
110dB min
LT1001C
106dB min
s
Low Power Dissipation
LT1001AM
75mW max
LT1001C
80mW max
s
Low Noise 0.3
µVP-P
The LT
®1001 significantly advances the state-of-the-
art of precision operational amplifiers. In the design,
processing, and testing of the device, particular atten-
tion has been paid to the optimization of the entire
distribution of several key parameters. Consequently,
the specifications of the lowest cost, commercial tem-
perature device, the LT1001C, have been dramatically
improved when compared to equivalent grades of com-
peting precision amplifiers.
Essentially, the input offset voltage of all units is less
than 50
µV (see distribution plot below). This allows the
LT1001AM/883 to be specified at 15
µV. Input bias and
offset currents, common-mode and power supply re-
jection of the LT1001C offer guaranteed performance
which were previously attainable only with expensive,
selected grades of other devices. Power dissipation is
nearly halved compared to the most popular precision
op amps, without adversely affecting noise or speed
performance. A beneficial by-product of lower dissipa-
tion is decreased warm-up drift. Output drive capability
of the LT1001 is also enhanced with voltage gain
guaranteed at 10 mA of load current. For similar perfor-
mance in a dual precision op amp, with guaranteed
matching specifications, see the LT1002. Shown below
is a platinum resistance thermometer application.
s
Thermocouple amplifiers
s
Strain gauge amplifiers
s
Low level signal processing
s
High accuracy data acquisition
APPLICATIONS
Linearized Platinum Resistance Thermometer
with
±0.025°C Accuracy Over 0 to 100°C
–
+
LT1001
–
+
LT1001
2
3
6
R plat. †
1k
Ω = 0°C
10k*
1.2k**
LM129
+15
2
3
6
200
Ω
1001 TA01
LINEARITY
TRIM
GAIN
TRIM
OUTPUT
0 TO 10V =
0 TO 100
°C
1
µf
10k*
10k*
* ULTRONIX 105A WIREWOUND
** 1% FILM
† PLATINUM RTD
118MF (ROSEMOUNT, INC.)
‡ Trim sequence: trim offset (0
°C = 1000.0Ω),
trim linearity (35
°C = 1138.7Ω), trim gain
(100
°C = 1392.6Ω). Repeat until all three
points are fixed with
±0.025°C.
90k*
20k
OFFSET TRIM
20k
330k*
1MEG.**
, LTC and LT are registered trademarks of Linear Technology Corporation.
FEATURES
DESCRIPTION
Typical Distribution
of Offset Voltage
VS = ±15V, TA = 25°C
INPUT OFFSET VOLTAGE (MICROVOLTS)
–60
200
150
100
50
0
20
1001 TA02
–40
–20
0
40
60
954 UNITS
FROM THREE RUNS


Similar Part No. - LT1001AMJ8/883

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1001AMJ8/883 LINER-LT1001AMJ8/883 Datasheet
191Kb / 16P
Precision Operational Amplifier
More results

Similar Description - LT1001AMJ8/883

ManufacturerPart #DatasheetDescription
logo
Linear Technology
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
Precision Operational Amplifier?
RH37C LINER-RH37C Datasheet
164Kb / 4P
Precision Operational Amplifier
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
Precision Operational Amplifier
June 2004
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
Precision Operational Amplifier
logo
Linear Technology
OP07H LINER-OP07H Datasheet
1Mb / 8P
Precision Operational Amplifier
OP07CN8 LINER-OP07CN8 Datasheet
1Mb / 8P
Precision Operational Amplifier
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
Precision Operational Amplifier
March, 2005 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com