Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1762 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1762
Description  150mA, Low Noise, LDO Micropower Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1762 Datasheet(HTML) 2 Page - Linear Technology

  LT1762_15 Datasheet HTML 1Page - Linear Technology LT1762_15 Datasheet HTML 2Page - Linear Technology LT1762_15 Datasheet HTML 3Page - Linear Technology LT1762_15 Datasheet HTML 4Page - Linear Technology LT1762_15 Datasheet HTML 5Page - Linear Technology LT1762_15 Datasheet HTML 6Page - Linear Technology LT1762_15 Datasheet HTML 7Page - Linear Technology LT1762_15 Datasheet HTML 8Page - Linear Technology LT1762_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1762 Series
1762fa
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
(Note 1)
IN Pin Voltage ........................................................
±20V
OUT Pin Voltage ....................................................
±20V
Input to Output Differential Voltage .......................
±20V
SENSE Pin Voltage ...............................................
±20V
ADJ Pin Voltage ......................................................
±7V
BYP Pin Voltage ....................................................
±0.6V
SHDN Pin Voltage .................................................
±20V
Output Short-Circut Duration .......................... Indefinite
Operating Junction Temperature Range
(Note 2) ............................................ – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Consult factory for Industrial and Military grade parts.
TJMAX = 150°C, θJA = 125°C/ W
SEE THE APPLICATIONS
INFORMATION SECTION.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
ILOAD = 150mA
●
1.8
2.3
V
Regulated Output Voltage
LT1762-2.5
VIN = 3V, ILOAD = 1mA
2.475
2.5
2.525
V
(Note 4)
3.5V < VIN < 20V, 1mA < ILOAD < 150mA
●
2.435
2.5
2.565
V
LT1762-3
VIN = 3.5V, ILOAD = 1mA
2.970
3
3.030
V
4V < VIN < 20V, 1mA < ILOAD < 150mA
●
2.925
3
3.075
V
LT1762-3.3
VIN = 3.8V, ILOAD = 1mA
3.267
3.3
3.333
V
4.3V < VIN < 20V, 1mA < ILOAD < 150mA
●
3.220
3.3
3.380
V
LT1762-5
VIN = 5.5V, ILOAD = 1mA
4.950
5
5.050
V
6V < VIN < 20V, 1mA < ILOAD < 150mA
●
4.875
5
5.125
V
ADJ Pin Voltage
LT1762
VIN = 2V, ILOAD = 1mA
1.208
1.22
1.232
V
(Notes 3, 4)
2.22V < VIN < 20V, 1mA < ILOAD < 150mA
●
1.190
1.22
1.250
V
Line Regulation
LT1762-2.5
∆VIN = 3V to 20V, ILOAD = 1mA
●
15
mV
LT1762-3
∆VIN = 3.5V to 20V, ILOAD = 1mA
●
15
mV
LT1762-3.3
∆VIN = 3.8V to 20V, ILOAD = 1mA
●
15
mV
LT1762-5
∆VIN = 5.5V to 20V, ILOAD = 1mA
●
15
mV
LT1762 (Note 3)
∆VIN = 2V to 20V, ILOAD = 1mA
●
15
mV
Load Regulation
LT1762-2.5
VIN = 3.5V, ∆ILOAD = 1mA to 150mA
4
12
mV
VIN = 3.5V, ∆ILOAD = 1mA to 150mA
●
25
mV
LT1762-3
VIN = 4V, ∆ILOAD = 1mA to 150mA
4
15
mV
VIN = 4V, ∆ILOAD = 1mA to 150mA
●
30
mV
LT1762-3.3
VIN = 4.3V, ∆ILOAD = 1mA to 150mA
5
17
mV
VIN = 4.3V, ∆ILOAD = 1mA to 150mA
●
33
mV
LT1762-5
VIN = 6V, ∆ILOAD = 1mA to 150mA
9
25
mV
VIN = 6V, ∆ILOAD = 1mA to 150mA
●
50
mV
LT1762 (Note 3)
VIN = 2.22V, ∆ILOAD = 1mA to 150mA
1
6
mV
VIN = 2.22V, ∆ILOAD = 1mA to 150mA
●
12
mV
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2)
ELECTRICAL CHARACTERISTICS
ORDER PART
NUMBER
LT1762EMS8
LT1762EMS8-2.5
LT1762EMS8-3
LT1762EMS8-3.3
LT1762EMS8-5
MS8 PART MARKING
LTHF
LTHG
LTHH
LTHJ
LTHK
1
2
3
4
OUT
SENSE/ADJ*
BYP
GND
8
7
6
5
IN
NC
NC
SHDN
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
*PIN 2: SENSE FOR LT1762-2.5/
LT1762-3/LT1762-3.3/LT1762-5
ADJ FOR LT1762
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com