Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1784 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1784
Description  2.5MHz, Over-The-Top Low Power, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1784 Datasheet(HTML) 2 Page - Linear Technology

  LT1784_15 Datasheet HTML 1Page - Linear Technology LT1784_15 Datasheet HTML 2Page - Linear Technology LT1784_15 Datasheet HTML 3Page - Linear Technology LT1784_15 Datasheet HTML 4Page - Linear Technology LT1784_15 Datasheet HTML 5Page - Linear Technology LT1784_15 Datasheet HTML 6Page - Linear Technology LT1784_15 Datasheet HTML 7Page - Linear Technology LT1784_15 Datasheet HTML 8Page - Linear Technology LT1784_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT1784
2
1784fa
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–).................................18V
Input Differential Voltage ..........................................18V
Input Pin Voltage to V– ................................ +24V/–10V
Shutdown Pin Voltage Above V– ..............................18V
Shutdown Pin Current .........................................±10mA
Output Short-Circuit Duration (Note 2) ............ Indefinite
(Note 1)
4
5
3
1
OUT
V–
+IN
V+
–IN
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
2
+ –
TJMAX = 150°C, θJA = 250°C/W
1
2
3
6
5
4
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
OUT
V–
+IN
V+
SHDN
–IN
+ –
TJMAX = 150°C, θJA = 230°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1784CS5#PBF
LT1784CS5#TRPBF
LTJD
5-Lead Plastic TSOT-23
–40°C to 85°C
LT1784IS5#PBF
LT1784IS5#TRPBF
LTSN
5-Lead Plastic TSOT-23
–40°C to 85°C
LT1784CS6#PBF
LT1784CS6#TRPBF
LTIW
6-Lead Plastic TSOT-23
–40°C to 85°C
LT1784IS6#PBF
LT1784IS6#TRPBF
LTIX
6-Lead Plastic TSOT-23
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Temperature Range (Note 10).. –40°C to 85°C
Specified Temperature Range (Note 11) .. –40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
TA = 25°C
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
l
l
1.5
3.5
4.2
4.5
mV
mV
mV
ΔVOS/ΔT Input Offset Voltage Drift (Note 7)
–40°C ≤ TA ≤ 85°C
l
5
15
μV/°C
IOS
Input Offset Current
VCM = 18V (Note 3)
l
l
25
50
50
nA
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the specified
temperature range, otherwise specifications are at TA = 25°C. VS = 3V, 0V; VS = 5V, 0V, VCM = VOUT = half supply, for the 6-lead part
VPIN5 = 0V, pulse power tested unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com