Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1007 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1007
Description  Low Noise, High Speed Precision Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1007 Datasheet(HTML) 3 Page - Linear Technology

  LT1007 Datasheet HTML 1Page - Linear Technology LT1007 Datasheet HTML 2Page - Linear Technology LT1007 Datasheet HTML 3Page - Linear Technology LT1007 Datasheet HTML 4Page - Linear Technology LT1007 Datasheet HTML 5Page - Linear Technology LT1007 Datasheet HTML 6Page - Linear Technology LT1007 Datasheet HTML 7Page - Linear Technology LT1007 Datasheet HTML 8Page - Linear Technology LT1007 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1007/LT1037
ELECTRICAL CHARACTERISTICS VS = ±15V, TA = 25°C, unless otherwise noted.
LT1007AC/AM
LT1007C/I/M
LT1037AC/AM
LT1037C/I/M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Resistance, Common Mode
7
5
G
Ω
Input Voltage Range
±11.0 ±12.5
±11.0 ±12.5
V
CMRR
Common Mode Rejection Ratio
VCM = ±11V
117
130
110
126
dB
PSRR
Power Supply Rejection Ratio
VS = ±4V to ±18V
110
130
106
126
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 2k, VO = ±12V
7.0
20.0
5.0
20.0
V/
µV
RL ≥ 1k, VO = ±10V
5.0
16.0
3.5
16.0
V/
µV
RL ≥ 600Ω, VO = ±10V
3.0
12.0
2.0
12.0
V/
µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2k
±13.0 ±13.8
±12.5 ±13.5
V
RL ≥ 600Ω±11.0 ±12.5
±10.5 ±12.5
V
SR
Slew Rate
LT1007
RL ≥ 2k
1.7
2.5
1.7
2.5
V/
µs
LT1037
AVCL ≥ 5
1115
1115
V/
µs
GBW
Gain Bandwidth
LT1007
fO = 100kHz (Note 7)
5.0
8.0
5.0
8.0
MHz
Product
LT1037
fO = 10kHz (Note 7) (AVCL ≥ 5)
45
60
45
60
MHz
ZO
Open-Loop Output Resistance
VO = 0V, IO = 0
70
70
Ω
PD
Power Dissipation
LT1007
80
120
80
140
mW
LT1037
80
130
85
140
mW
VS = ±15V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
LT1007AC
LT1007C
LT1037AC
LT1037C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 1)
q
20
50
35
110
µV
∆VOS
Average Input Offset Drift
(Note 9)
q
0.2
0.6
0.3
1.0
µV/°C
∆Temp
IOS
Input Offset Current
q
10
40
15
70
nA
IB
Input Bias Current
q
±14
±45
±20
±75
nA
Input Voltage Range
q
±10.5 ±11.8
±10.5 ±11.8
V
CMRR
Common Mode Rejection Ratio
VCM = ±10.5V
q
114
126
106
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±18V
q
106
126
102
120
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 2k, VO = ±10V
q
4.0
18.0
2.5
18.0
V/
µV
RL ≥ 1k, VO = ±10V
q
2.5
14.0
2.0
14.0
V/
µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2k
q
±12.5 ±13.6
±12.0 ±13.6
V
PD
Power Dissipation
q
90
144
90
160
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com