Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1940 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1940
Description  Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1940 Datasheet(HTML) 2 Page - Linear Technology

  LT1940_15 Datasheet HTML 1Page - Linear Technology LT1940_15 Datasheet HTML 2Page - Linear Technology LT1940_15 Datasheet HTML 3Page - Linear Technology LT1940_15 Datasheet HTML 4Page - Linear Technology LT1940_15 Datasheet HTML 5Page - Linear Technology LT1940_15 Datasheet HTML 6Page - Linear Technology LT1940_15 Datasheet HTML 7Page - Linear Technology LT1940_15 Datasheet HTML 8Page - Linear Technology LT1940_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1940/LT1940L
2
1940fa
VIN Voltage
LT1940 .................................................... (–0.3), 25V
LT1940L ................................................... (–0.3), 7V
BOOST Pin Voltage
LT1940 ................................................................ 35V
LT1940L ............................................................. 16V
BOOST Pin Above SW Pin
LT1940 ................................................................ 25V
LT1940L ............................................................. 16V
PG Pin Voltage
LT1940 ................................................................ 25V
LT1940L ............................................................... 7V
SW Voltage ................................................................VIN
RUN/SS, FB Pins ...................................................... 6V
Maximum Junction Temperature .......................... 125
°C
Operating Temperature Range (Note 2) ...–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 45°C/W, θJC = 10°C/W
LT1940EFE
LT1940LEFE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VBOOST = 8V unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
q
3.4
3.6
V
Quiescent Current
Not Switching
3.8
4.8
mA
Shutdown Current
VRUNSS = 0V
30
45
µA
Feedback Voltage
1.230
1.250
1.270
V
0
°C to 70°C
q
1.225
1.250
1.270
V
–40
°C to 85°C
q
1.215
1.250
1.270
V
FB Pin Bias Current
VFB = 1.25V, VC = 0.4V
q
240
1200
nA
Reference Line Regulation
LT1940: VIN 5V to 25V
0.005
%/V
LT1940L: VIN 4V to 7V
0.005
%/V
Error Amp GM
330
uMhos
Error Amp Voltage Gain
180
VC Source Current
VFB = 1V
42
µA
VC Sink Current
VFB = 1.5V
60
µA
VC Pin to Switch Current Gain
2.4
A/V
VC Switching Threshold
0.75
V
VC Clamp Voltage
1.8
V
Switching Frequency
VFB = 1.1V
1
1.1
1.25
MHz
q
0.95
1.1
1.35
MHz
Switching Phase
150
180
210
Deg
Maximum Duty Cycle
q
78
88
%
Frequency Shift Threshold on FB
fSW = 1MHz
0.5
V
Consult LTC Marketing for parts specified with wider operating temperature ranges.
FE PACKAGE
16-LEAD PLASTIC TSSOP
EXPOSED PAD (PIN 17) IS GND
MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
BOOST1
SW1
VIN
VIN
VIN
VIN
SW2
BOOST2
FB1
VC1
PG1
RUN/SS1
RUN/SS2
PG2
VC2
FB2
17
FE PART
MARKING
1940EFE
1940LEFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com