Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC693 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC693
Description  Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC693 Datasheet(HTML) 2 Page - Linear Technology

  LTC693_15 Datasheet HTML 1Page - Linear Technology LTC693_15 Datasheet HTML 2Page - Linear Technology LTC693_15 Datasheet HTML 3Page - Linear Technology LTC693_15 Datasheet HTML 4Page - Linear Technology LTC693_15 Datasheet HTML 5Page - Linear Technology LTC693_15 Datasheet HTML 6Page - Linear Technology LTC693_15 Datasheet HTML 7Page - Linear Technology LTC693_15 Datasheet HTML 8Page - Linear Technology LTC693_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC692/LTC693
2
0692fb
ABSOLUTE MAXIMUM RATINGS
Terminal Voltage
VCC ...................................................... –0.3V to 6.0V
VBATT ................................................... –0.3V to 6.0V
All Other Inputs ..................... –0.3V to (VOUT + 0.3V)
Input Current
VCC ................................................................. 200mA
VBATT ................................................................ 50mA
GND ................................................................. 20mA
(Notes 1, 2)
1
2
3
4
8
7
6
5
TOP VIEW
VOUT
VCC
GND
PFI
VBATT
RESET
WDI
PFO
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 110°C, θJA = 130°C/W (N)
TJMAX = 110°C, θJA = 180°C/W (S)
S8 PACKAGE CONDITIONS: PCB MOUNT ON FR4 MATERIAL,
STILL AIR AT 25°C, COPPER TRACE
1
2
3
4
5
6
7
8
TOP VIEW
N PACKAGE
16-LEAD PDIP
16
15
14
13
12
11
10
9
VBATT
VOUT
VCC
GND
BATT ON
LOW LINE
OSC IN
OSC SEL
RESET
RESET
WDO
CE IN
CE OUT
WDI
PFO
PFI
SW PACKAGE
16-LEAD PLASTIC SO
TJMAX = 110°C, θJA = 130°C/W
S16 PACKAGE CONDITIONS: PCB MOUNT ON FR4 MATERIAL,
STILL AIR AT 25°C, COPPER TRACE
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC692CN8#PBF
LTC692CN8#TRPBF
LTC692CN8
8-Lead Plastic DIP
0°C to 70°C
LTC692CS8#PBF
LTC692CS8#TRPBF
692
8-Lead Plastic SO
0°C to 70°C
LTC692IS8#PBF
LTC692IS8#TRPBF
692I
8-Lead Plastic SO
–40°C to 85°C
LTC693CN#PBF
LTC693CN#TRPBF
LTC693CN
16-Lead Plastic DIP
0°C to 70°C
LTC693CS#PBF
LTC693CS#TRPBF
LTC693CS
16-Lead Plastic SO
0°C to 70°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
VOUT Output Current ................. Short-Circuit Protected
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC692C/LTC693C ................................. 0°C to 70°C
LTC692I .............................................. –40°C to 85°C
Storage Temperature Range ................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ................ 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com