Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1002AC Datasheet(PDF) 8 Page - Linear Technology

Part # LT1002AC
Description  Dual, Matched Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1002AC Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1002AC Datasheet HTML 4Page - Linear Technology LT1002AC Datasheet HTML 5Page - Linear Technology LT1002AC Datasheet HTML 6Page - Linear Technology LT1002AC Datasheet HTML 7Page - Linear Technology LT1002AC Datasheet HTML 8Page - Linear Technology LT1002AC Datasheet HTML 9Page - Linear Technology LT1002AC Datasheet HTML 10Page - Linear Technology LT1002AC Datasheet HTML 11Page - Linear Technology LT1002AC Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1002
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD RESISTANCE (
Ω)
100
300
16
12
8
4
0
1000
3k
10k
1002 G28
VS = ±15V
TA = 25°C
POSITIVE SWING
NEGATIVE SWING
TIME FROM OUTPUT SHORT (MINUTES)
0
2
50
40
30
20
10
–10
–20
–30
–40
–50
1002 G29
13
4
–55
°C
–55
°C
25
°C
25
°C
125
°C
125
°C
VS = ±15V
Output Short Circuit Current
vs Time
Output Swing vs. Load Resistance
APPLICATIONS INFORMATION
The LT1002 dual amplifier may be inserted directly into
OP-10, OP207, OP227 sockets with or without removal of
external nulling potentiometers.
Offset Voltage Adjustment The input offset voltage of the
LT1002, and its drift with temperature, are permanently
trimmed at wafer testing to a low level. However, if further
adjustment of VOS is necessary, nulling with a 10k or 20k
potentiometer will not degrade drift with temperature.
Trimming to a value other than zero creates a drift of (VOS/
300)
µV/°C, e.g. if VOS is adjusted to 300µV, the change in
drift will be 1
µV/°C. The adjustment range with a 10k or
20k pot is approximately
±2.5mV. If less adjustment
range is needed, the sensitivity and resolution of the
nulling can be improved by using a smaller pot in conjunc-
tion with fixed resistors. The example has an approximate
null range of
±100µV.
In matching applications, both amplifiers can be trimmed
to zero, or the offset of one amplifier can be trimmed to
match the offset of the other. Offset adjustment, however,
slightly degrades the gain, common-mode and power-
supply rejection match between the two op amps. Fortu-
nately, the guaranteed offset voltage match of the LT1002
is very low, in most applications offset adjustment will be
unnecessary.
Improved Sensitivity Adjustment
Standard Adjustment
–15V
1/2 LT1002
+15V
3
(10)
(11)
4
(9)
(8)
13 (6)
14 (7)
OUTPUT
INPUT
1002 TA03
12 (5)
2
10k
or
20k
1
–15V
1
/2 LT1002
+15V
3
(10)
(11)
4
(9)
(8)
13 (6)
14
OUTPUT
INPUT
1002 TA04
12 (5)
2
1k
7.5k
7.5k
1
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com