Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS355 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1SS355
Description  200mW High Speed SMD Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SS355 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1SS355 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SS355 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SS355 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Small Signal Product
PART NO.
Note 1: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
Min
Max
Min
Max
A
1.15
1.35
0.045
0.053
B
2.30
2.80
0.091
0.110
C
0.25
0.40
0.010
0.016
D
1.60
1.80
0.063
0.071
E
0.80
1.10
0.031
0.043
F
0.05
0.25
0.002
0.010
G
X
X1
Y
Document Number: DS_S1412036
Version: B14
1SS355-L0 RRG
1SS355
-L0
RR
G
Defined manufacture
source
Green compound
Multiple manufacture
source
Green compound
0.403
0.016
1SS355 RRG
1SS355
RR
G
1SS355-B0 RRG
1SS355
-B0
1.280
0.050
0.710
0.028
2.700
0.106
SOD-323F
DIM.
Unit (mm)
Unit (inch)
SUGGEST PAD LAYOUT
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
PACKAGE OUTLINE DIMENSIONS
RR
G
Defined manufacture
source
Green compound
EXAMPLE
PREFERRED P/N
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
1SS355
-xx
(Note 1)
RR
G
SOD-323F
3K / 7" Reel
R9
10K / 13" Reel
1SS355
Taiwan Semiconductor
ORDERING INFORMATION
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com