Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS400 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1SS400
Description  200mW, SMD High Speed Switching Diodeq
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SS400 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1SS400 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SS400 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SS400 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SS400 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1SS400 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(TA=25
℃ unless otherwise noted)
Document Number: DS_S1404002
RATINGS AND CHARACTERISTICS CURVES (1SS400)
Version: B14
1SS400
Taiwan Semiconductor
Small Signal Product
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
5
10
15
20
25
30
35
40
Reverse Voltage (V)
Fig. 1 Total Capacitance
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0.01
0.1
1
10
100
1000
Ambient Forward Current (A)
Fig. 2 Forward Voltage VS. Ambient Forward Current
0
50
100
150
200
250
0
25
50
75
100
125
150
175
Temperature (oC)
Fig. 3 Power Derating Curve
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
0
50
100
150
200
Reverse Voltage, V
R (V)
Fig. 4 Reverse Current VS. Reverse Voltage
25oC
75oC
125oC
100oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com